Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 15Page - Microchip Technology MCP4728 Datasheet HTML 16Page - Microchip Technology MCP4728 Datasheet HTML 17Page - Microchip Technology MCP4728 Datasheet HTML 18Page - Microchip Technology MCP4728 Datasheet HTML 19Page - Microchip Technology MCP4728 Datasheet HTML 20Page - Microchip Technology MCP4728 Datasheet HTML 21Page - Microchip Technology MCP4728 Datasheet HTML 22Page - Microchip Technology MCP4728 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Quick Start Instructions
© 2009 Microchip Technology Inc.
DS51837A-page 15
• Modify the parameters in the Script Detail column as below:
1.3.2.3
SAVE THE SCRIPT FILE AND PROGRAMMING THE MCP4728 DAC
REGISTERS
1.
Type in a script file name (i.e., MCP4728_W_VrfSel) in the space below the
Script Name menu.
2.
Click Save Script button.
3.
Click Execute Script button.
4.
You can also see the SCL and SDA waveforms using an Oscilloscope.
Script Detail
I2CSTART
*
I2CWRTBYT
*
02
--------> This means there are two bytes to send.
C0
--------> Address byte = 1100-0000 (See Note).
80
--------> 1’st byte (000-0000) selecting external VREF.
I2CSTOP
*
Note:
All 6 parameters above must be listed in order. The parameters with * are
not modifiable. The MCP4728 device on the evaluation board has I2C
address bits (A2, A1, A0) = (0,0,0).
Note:
At this point, the PICkit Serial Analyzer transmits the I2C Write Command
to the MCP4728 device. The saved file name will appear in the Users I2C
Scripts column, and can be re-used any time by selecting the file name.
Note:
When you click on the “Execute Script” menu, the “Busy” LED on the PICkit
Serial Analyzer will momentarily turn on and then turn off. If the LED
remains ON, a communications problem has occurred. Remove the PICkit
Serial Analyzer from your computer and recheck the parameter values,
including the order of parameters under the “Script Detail” column including
the I2C address of the device, and try again until the “Busy” LED turns OFF
immediately after sending the I2C command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com