Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 18Page - Microchip Technology MCP4728 Datasheet HTML 19Page - Microchip Technology MCP4728 Datasheet HTML 20Page - Microchip Technology MCP4728 Datasheet HTML 21Page - Microchip Technology MCP4728 Datasheet HTML 22Page - Microchip Technology MCP4728 Datasheet HTML 23Page - Microchip Technology MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology MCP4728 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
MCP4728 Evaluation Board User’s Guide
DS51837A-page 18
© 2009 Microchip Technology Inc.
1.3.2.6
EXAMPLE 3: WRITING DAC REGISTERS WITH A FAST WRITE
COMMAND
Figure 1-12 shows an example of writing a script file on PICkit Serial PC GUI for a Fast
Write Command. This command writes to the DAC input registers and power-down
selection bits. The data are sent sequentially from channel A to the channel D.
EEPROM is not affected. This device updates the DAC output registers (VOUT) when
LDAC pin is low.
FIGURE 1-12:
Writing Script File to Write Each DAC Register with a Fast Write Command Using the
PICkit Serial Analyzer.
Note:
Please refer to the MCP4728 data sheet for the Fast Write Command
structure before excising this example.
1.
To change value:
•
Click this box and
type a new value
2.
To delete or Insert box:
•
Select the box and
right click the mouse
button for options
available
3.
Make sure the listed
parameters in “script
Detail” are in the exact
order as shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com