Electronic Components Datasheet Search
  English  ▼

X  

MCP4728 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology MCP4728 Datasheet HTML 26Page - Microchip Technology MCP4728 Datasheet HTML 27Page - Microchip Technology MCP4728 Datasheet HTML 28Page - Microchip Technology MCP4728 Datasheet HTML 29Page - Microchip Technology MCP4728 Datasheet HTML 30Page - Microchip Technology MCP4728 Datasheet HTML 31Page - Microchip Technology MCP4728 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
MCP4728 Evaluation Board User’s Guide
DS51837A-page 24
© 2009 Microchip Technology Inc.
1.3.2.10
EXAMPLE 5: SINGLE WRITE COMMAND FOR DAC INPUT REGISTER
AND EEPROM
This command writes to a single DAC input register and its EEPROM. Both input
register and EEPROM are written at the acknowledge pulse of the input data byte. The
EEPROM program activity can be monitored through the RDY/BSY bit and pin. See the
MCP4728 data sheet for details.
Figure 1-16 shows an example of writing a script file. In this example, the PICkit Serial
Analyzer sends a single write command to the MCP4728 for the DAC A (Channel A)
input register.
.
FIGURE 1-16:
Writing Script File to Write the Channel A Register and its EEPROM with FFFh Using
a Single Write Command. The Channel A output is updated immediately with the ACK Pulse. This example
uses UDAC Bit, instead of using LDAC pin, to update the DAC output.
• Parameters in the Script Detail column:
1.
To change value:
•
Click this box and
type a new value
2.
To delete or Insert box:
•
Select the box and
right click the mouse
button for options
available
3.
Make sure the listed
parameters in “script
Detail” are in the exact
order as shown here.
Script Detail
I2CSTART
*
I2CWRTBYT
*
04
-------> This means there are four bytes to send.
C0
-------> Address byte = 1100-0000 (See Note).
58
-------> Command Type and selection of Channel A.
0F
-------> Configuration register bits and data nibble for Channel A.
FF
-------> Data byte for Channel A (register and its EEPROM).
I2CSTOP
*
Note:
All parameters above must be listed in order. The parameter above with *
are not modifiable. The MCP4728 device on the evaluation board has I2C
address bits (A2, A1, A0) = (0,0,0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com