Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA333
Description  INA333-Q1 Automotive, Zerø-Drift, micro-Power Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
8.2 Typical Application
Figure 8-1 shows the basic connections required for operation of the INA333-Q1. Good layout practice mandates
the use of bypass capacitors placed close to the device pins as shown.
The output of the INA333-Q1 is referred to the output reference (REF) pin, which is normally grounded. This
connection must be low-impedance to maintain good common-mode rejection. Although 15 Ω or less of stray
resistance can be tolerated while maintaining specified CMRR, small stray resistances of tens of ohms in series
with the REF pin can cause noticeable degradation in CMRR.
RFI Filtered Inputs
RFI Filtered Inputs
50 k
RFI Filtered Inputs
RFI Filtered Inputs
50 k
150 k
150 k
150 k
150 k
INA333-Q1
1
8
6
5
2
3
VOUT
REF
VIN±
VIN+
RG
A1
A2
±
±
+
+
7
V+
G
100 k
G
1
R
:
4
V±
A3
±
+
Load
VO
+
±
0.1 µF
0.1 µF
O
IN
IN
V
G
V
V
u
INA333-Q1
+
±
REF
RG
VIN±
VIN+
VO
Also drawn in simplified form:
Figure 8-1. Basic Connections
8.2.1 Design Requirements
The device can be configured to monitor the input differential voltage when the gain of the input signal is set by
external resistor RG. The output signal references to the REF pin. The most common application is where the
output is referenced to ground when no input signal is present by connecting the REF pin to ground. When the
input signal increases, the output voltage at the OUT pin also increases.
8.2.2 Detailed Design Procedure
8.2.2.1 Setting the Gain
The gain of the INA333-Q1 is set by a single external resistor, RG, connected between pins 1 and 8. The value of
RG is selected according to Equation 1:
G = 1 + (100 kΩ / RG)
(1)
Table 8-1 lists several commonly-used gains and resistor values. The 100 kΩ in Equation 1 comes from the
sum of the two internal feedback resistors of A1 and A2. These on-chip resistors are laser trimmed to accurate
absolute values. The accuracy and temperature coefficient of these resistors are included in the gain accuracy
and drift specifications of the INA333-Q1.
www.ti.com
INA333-Q1
SBOS464B – SEPTEMBER 2019 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA333-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com