Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA333
Description  INA333-Q1 Automotive, Zerø-Drift, micro-Power Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 5 Page - Texas Instruments

  INA333 Datasheet HTML 1Page - Texas Instruments INA333 Datasheet HTML 2Page - Texas Instruments INA333 Datasheet HTML 3Page - Texas Instruments INA333 Datasheet HTML 4Page - Texas Instruments INA333 Datasheet HTML 5Page - Texas Instruments INA333 Datasheet HTML 6Page - Texas Instruments INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
6.5 Electrical Characteristics
at VS = 1.8 V to 5.5 V at TA = 25°C, RL = 10 kΩ, VREF = VS / 2, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT(1)
VOSI
Input stage offset voltage(2)
±10
±25
μV
vs temperature, TA = –40°C to +125°C
±0.1
μV/°C
VOSO
Output stage offset
voltage(2)
±25
±110
μV
vs temperature, TA = –40°C to +125°C
±0.5
μV/°C
PSRR
Power-supply rejection
ratio
90
102
dB
Zid
Differential impedance
100 || 3
GΩ || pF
Zic
Common-mode impedance
100 || 3
GΩ || pF
VCM
Common-mode voltage
VO = 0 V
(V–) + 0.1
(V+) – 0.1
V
CMRR
Common-mode rejection
ratio
DC to 60 Hz,
VS = 5.5 V, VCM = (V–) +
0.1 V to (V+) – 0.1 V
G = 1
78
90
dB
G = 10
96
110
G = 100
96
115
G = 1000
96
115
INPUT BIAS CURRENT
IB
Input bias current
±70
±280
pA
TA = –40°C to +125°C
See Figure 6-26
pA/°C
IOS
Input offset current
±50
±280
pA
TA = –40°C to +125°C
See Figure 6-28
pA/°C
INPUT VOLTAGE NOISE
eNI
Input voltage noise
G = 100, RS = 0 Ω
f = 10 Hz
50
nV/√Hz
f = 100 Hz
50
f = 1 kHz
50
f = 0.1 Hz to 10 Hz
1
μVPP
In
Input current noise
f = 10 Hz
100
fA/√Hz
f = 0.1 Hz to 10 Hz
2
pAPP
GAIN
Gain equation
1 + (100
kΩ / RG)
V/V
G
Gain
1
1000
V/V
GE
Gain error
VS = 5.5 V,
(V–) + 100 mV ≤ VO ≤ (V+)
– 100 mV
G = 1
±0.01
±0.1
%
G = 10
±0.05
±0.25
G = 100
±0.07
±0.25
G = 1000
±0.25
±0.5
Gain vs temperature
TA = –40°C to +125°C
±1
±5
ppm/°C
G > 1(3)
±15
±50
Gain nonlinearity
G = 1 to 1000
VS = 5.5 V, (V–) + 100 mV ≤ VO ≤ (V+) – 100 mV
10
ppm
OUTPUT
Output voltage swing from
rail
VS = 5.5 V
40
50
mV
Capacitive load drive
500
pF
ISC
Short-circuit current
Continuous to common
–40, +5
mA
www.ti.com
INA333-Q1
SBOS464B – SEPTEMBER 2019 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA333-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com