Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA333
Description  INA333-Q1 Automotive, Zerø-Drift, micro-Power Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
The stability and temperature drift of the external gain setting resistor, RG, also affects gain. The contribution of
RG to gain accuracy and drift can be directly inferred from Equation 1. Low resistor values required for high gain
can make wiring resistance important. Sockets add to the wiring resistance and contribute additional gain error
(possibly an unstable gain error) in gains of approximately 100 or greater. To maintain stability, avoid parasitic
capacitance greater than a few picofarads at the RG connections. Careful matching of any parasitics on both RG
pins maintains optimal CMRR over frequency.
Table 8-1. Commonly Used Gains and Resistor Values
DESIRED GAIN
RG (Ω)
NEAREST 1% RG (Ω)
1
NC(1)
NC
2
100k
100k
5
25k
24.9k
10
11.1k
11k
20
5.26k
5.23k
50
2.04k
2.05
100
1.01k
1k
200
502.5
499
500
200.4
200
1000
100.1
100
(1)
NC denotes no connection. When using the SPICE model, the simulation does not converge unless
a resistor is connected to the RG pins; use a very large resistor value.
8.2.2.2 Offset Trimming
Most applications require no external offset adjustment. However, if necessary, adjustments can be made by
applying a voltage to the REF pin. Figure 8-2 shows an optional circuit for trimming the output offset voltage. The
voltage applied to REF pin is summed at the output. The operational amplifier buffer provides low impedance at
the REF pin to preserve good common-mode rejection.
INA333-Q1
+
±
Ref
RG
VIN-
VIN+
OPA333
10 k
100
100
V+
V-
100 µA
½ REF200
100 µA
½ REF200
± 10mV
Adjustment Range
VO
Figure 8-2. Optional Trimming of Output Offset Voltage
INA333-Q1
SBOS464B – SEPTEMBER 2019 – REVISED JUNE 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA333-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com