Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA333
Description  INA333-Q1 Automotive, Zerø-Drift, micro-Power Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments INA333 Datasheet HTML 23Page - Texas Instruments INA333 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
8.3 Power Supply Recommendations
The minimum power supply voltage for the INA333-Q1 is 1.8 V, and the maximum power supply voltage is 5.5 V;
for specified performance, 3.3 V to 5 V is recommended. Add a bypass capacitor at the input to compensate for
the layout and power supply source impedance.
8.4 Layout
8.4.1 Layout Guidelines
Attention to good layout practices is always recommended.
• Keep traces short.
• When possible, use a printed-circuit-board (PCB) ground plane with surface-mount components placed as
close to the device pins as possible.
• Place a 0.1-μF bypass capacitor closely across the supply pins.
Apply these guidelines throughout the analog circuit to improve performance and provide benefits such as
reducing the electromagnetic-interference (EMI) susceptibility.
Instrumentation amplifiers vary in susceptibility to radio-frequency interference (RFI). RFI can generally be
identified as a variation in offset voltage or dc signal levels with changes in the interfering RF signal. The
INA333-Q1 has been specifically designed to minimize susceptibility to RFI by incorporating passive RC
filters with an 8-MHz corner frequency at the VIN+ and VIN– inputs. As a result, the INA333-Q1 demonstrates
remarkably low sensitivity compared to previous-generation devices. Strong RF fields can continue to cause
varying offset levels, however, and can require additional shielding.
8.4.2 Layout Example
RG
V+
VO
Ref
RG
V-IN
V+IN
V-
VIN-
VIN+
V-
GND
Bypass
Capacitor
Gain Resistor
Bypass
Capacitor
GND
V+
VOUT
Figure 8-9. Layout Example
INA333-Q1
SBOS464B – SEPTEMBER 2019 – REVISED JUNE 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA333-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com