Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA333
Description  INA333-Q1 Automotive, Zerø-Drift, micro-Power Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments INA333 Datasheet HTML 16Page - Texas Instruments INA333 Datasheet HTML 17Page - Texas Instruments INA333 Datasheet HTML 18Page - Texas Instruments INA333 Datasheet HTML 19Page - Texas Instruments INA333 Datasheet HTML 20Page - Texas Instruments INA333 Datasheet HTML 21Page - Texas Instruments INA333 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
8.2.2.5 Low Voltage Operation
The INA333-Q1 can be operated on power supplies as low as ±0.9 V. Most parameters vary only slightly
throughout this supply voltage range; see Section 6.6. Operation at a very-low supply voltage requires careful
attention to make sure that the input voltages remain within the linear range. Voltage swing requirements of
internal nodes limit the input common-mode range with low power-supply voltage. Figure 6-20 to Figure 6-23
show the range of linear operation for various supply voltages and gains.
8.2.2.6 Single-Supply Operation
The INA333-Q1 can be used on single power supplies of 1.8 V to 5.5 V. Figure 8-4 shows a basic single-supply
circuit. The output REF pin is connected to midsupply. Zero differential input voltage demands an output voltage
of midsupply. Actual output voltage swing is limited to approximately 50 mV more than ground, when the load is
referred to ground as shown. Figure 6-29 shows how the output voltage swing varies with output current.
With single-supply operation, VIN+ and VIN– must both be 0.1 V greater than ground for linear operation. For
instance, the inverting input cannot be connected to ground to measure a voltage connected to the noninverting
input.
To show the issues affecting low-voltage operation, consider the circuit in Figure 8-4 that shows the device
operating from a single 3-V supply. A resistor in series with the low side of the bridge makes sure that the bridge
output voltage is within the common-mode range of the amplifier inputs.
INA333-Q1
±
+
+3 V
2 V + DV
1.5 V
REF
VO
3 V
2 V - DV
RG
300 Ÿ
150 Ÿ
R1(1)
(1) R1 creates proper common-mode voltage, only for low-voltage operation; see Section 8.2.2.6.
Figure 8-4. Single-Supply Bridge Amplifier
INA333-Q1
SBOS464B – SEPTEMBER 2019 – REVISED JUNE 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA333-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com