Electronic Components Datasheet Search
  English  ▼

X  

INA333 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA333
Description  INA333-Q1 Automotive, Zerø-Drift, micro-Power Instrumentation Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA333 Datasheet HTML 7Page - Texas Instruments INA333 Datasheet HTML 8Page - Texas Instruments INA333 Datasheet HTML 9Page - Texas Instruments INA333 Datasheet HTML 10Page - Texas Instruments INA333 Datasheet HTML 11Page - Texas Instruments INA333 Datasheet HTML 12Page - Texas Instruments INA333 Datasheet HTML 13Page - Texas Instruments INA333 Datasheet HTML 14Page - Texas Instruments INA333 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RL = 10 kΩ, VREF = midsupply, and G = 1 (unless otherwise noted)
160
140
120
100
80
60
40
20
0
-20
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
1M
G = 1000
G = 100
G = 1
G = 10
Figure 6-25. Negative Power-Supply Rejection Ratio
1200
1000
800
600
400
200
0
-200
-50
-25
0
25
50
75
100
Temperature (°C)
150
+I
B
-I
B
125
V = ±0. 9 V
S
V = ±2.75 V
S
Figure 6-26. Input Bias Current vs Temperature
200
180
160
140
120
100
80
60
40
20
0
0
0.5
1.0
1.5
V
(V)
CM
5.0
2.0
3.0
4.0
2.5
3.5
4.5
Figure 6-27. Input Bias Current vs Common-Mode Voltage
250
200
150
100
50
0
-50
100
-
-50
-25
0
25
50
75
100
Temperature (°C)
150
125
V = ±0.9 V
S
V = ±2.75 V
S
Figure 6-28. Input Offset Current vs Temperature
(V+)
(V+) - 0.25
(V+) - 0.50
(V+) - 0.75
(V+) - 1.00
(V+) - 1.25
(V-) + 1.75
(V-) + 0.75
(V-) + 1.00
(V-) + 0.50
(V-) + 0.25
(V )
-
0
10
30
40
50
60
I
(mA)
OUT
(V+) - 1.75
(V+) - 1.50
(V-) + 1.50
(V-) + 1.25
20
125°C
25°C
-40°C
V
S = ±2.75 V
V
S = ±0.9 V
Figure 6-29. Output Voltage Swing vs Output Current
80
70
60
50
40
30
20
10
0
-50
-25
0
25
50
75
100
Temperature (°C)
150
125
V = 5 V
S
V = 1.8 V
S
Figure 6-30. Quiescent Current vs Temperature
www.ti.com
INA333-Q1
SBOS464B – SEPTEMBER 2019 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA333-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com