Electronic Components Datasheet Search
  English  ▼

X  

LMV551 Datasheet(PDF) 17 Page - Texas Instruments

Part # LMV551
Description  LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV551 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMV551 Datasheet HTML 13Page - Texas Instruments LMV551 Datasheet HTML 14Page - Texas Instruments LMV551 Datasheet HTML 15Page - Texas Instruments LMV551 Datasheet HTML 16Page - Texas Instruments LMV551 Datasheet HTML 17Page - Texas Instruments LMV551 Datasheet HTML 18Page - Texas Instruments LMV551 Datasheet HTML 19Page - Texas Instruments LMV551 Datasheet HTML 20Page - Texas Instruments LMV551 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LMV551-Q1
www.ti.com
SNOSD24 – FEBRUARY 2017
Product Folder Links: LMV551-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
•
Allowable Ripple = 1 dB
•
Filter Order = Checked and set to 2
•
Response Type = Butterworth
•
Filter Topology = Sallen-Key
•
Component Tolerance - Resistor = E96 1%
•
Component Tolerance - Capacitor = E6 20%
After entering these values, FilterPro returns the following recommended values:
•
R1 = 44.2 kΩ
•
R2 = 38.3 kΩ
•
R3 = 2.49 kΩ
•
R4 = 22.6 kΩ
•
C1 = 10 nF
•
C2 = 1.5 nF
The LMV551-Q1 is targeted for low power operation. The above resistor values are assumed for a standard
power application. To save both quiescent and dynamic power, increase the value of the resistors.
The largest consumer of power is the gain setting feedback resistors R3 and R4, as these are DC coupled and
represent a constant DC load to the amplifier. If the output is biased at 2.5 V, then 2.5 V / (22.6 kΩ + 2.49 kΩ) =
99.6 µA is flowing through the feedback network. This is significantly more than the 37uA quiescent current of the
amplifier alone! Increasing the size of the feedback resistors by a decade from 22.6kΩ to 226kΩ, the current in
the feedback network can be reduced down to 9.9µA.
Increasing the resistor values requires a proportional decrease in the values of the capacitors. If a resistor value
is increased 10×, then the corresponding capacitor value must be decreased 10×. However, note that increasing
the resistor values increases the contributed noise, and decreasing the capacitors to small values increases the
sensitivity to stray capacitance.
There is a decision to be made about also scaling the filter components (R1, R2, C1 & C2). R1 and R2 are AC
coupled to the output, so the only DC current flowing through these resistors is the input bias current of the
LMV551-Q1 (typically 20 nA). However, large AC currents can flow through C2 and C1 during large signal
swings. Scaling the filter components also reduces the peak AC signal currents. If the AC signals are expected to
large (several Vpp) and frequent, then scaling the filter values may be beneficial to overall power consumption. If
the expected AC signals are small, it may not be worth the noise tradeoff to scale these values.
Because the LMV551-Q1 has a bipolar input, to maintain DC accuracy, the equivalent resistance seen by each
amplifier input should be equal to cancel the bias current effects.
To maintain DC accuracy through bias current cancelling, the following relationship should be maintained:
(R1 + R2) = (R3 || R4)
(4)
Fortunately, the filter Pro software makes changing and recalculating the values easy. By changing the value of
any of the filter components (R1, R2, C1 & C2) in the schematic tab, the program automatically recalculates and
scale these components. Conversely, changing the gain feedback components (R3 or R4) also causes the other
feedback resistor to scale. However, Filter Pro does NOT maintain the relationship between the feedback and
filter elements as described in Equation 4 above. The feedback resistor values can be 'seeded' and scaled
appropriately, as long as the original feedback resistor ratio is maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com