Electronic Components Datasheet Search
  English  ▼

X  

LMV551 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV551
Description  LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV551 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV551 Datasheet HTML 9Page - Texas Instruments LMV551 Datasheet HTML 10Page - Texas Instruments LMV551 Datasheet HTML 11Page - Texas Instruments LMV551 Datasheet HTML 12Page - Texas Instruments LMV551 Datasheet HTML 13Page - Texas Instruments LMV551 Datasheet HTML 14Page - Texas Instruments LMV551 Datasheet HTML 15Page - Texas Instruments LMV551 Datasheet HTML 16Page - Texas Instruments LMV551 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
0
UNSTABLE
ROC = 40 dB/decade
STABLE
ROC ± 20 dB/decade
FREQUENCY (Hz)
13
LMV551-Q1
www.ti.com
SNOSD24 – FEBRUARY 2017
Product Folder Links: LMV551-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.5 Small Size
The small footprint of the DCK (SC-70) package saves space on printed circuit boards, and enable the design of
smaller and more compact electronic products. Long traces between the signal source and the op amp make the
signal path susceptible to noise. By using a physically smaller package, the amplifier can be placed closer to the
signal source, reducing noise pickup and enhancing signal integrity.
7.4 Device Functional Modes
7.4.1 Stability Of Op Amp Circuits
7.4.1.1 Stability and Capacitive Loading
As seen inFigure 26, the phase margin reduces significantly for CL greater than 100 pF. This is because the op
amp is designed to provide the maximum bandwidth possible for a low supply current. Stabilizing the amplifier for
higher capacitive loads would have required either a drastic increase in supply current, or a large internal
compensation capacitance, which would have reduced the bandwidth of the op amp. When the LMV551-Q1 is to
be used for driving higher capacitive loads, it must be externally compensated.
Figure 26. Gain vs Frequency for an Op Amp
An op amp, ideally, has a dominant pole close to DC, which causes its gain to decay at the rate of 20 dB/decade
with respect to frequency. If this rate of decay, also known as the rate of closure (ROC), remains the same until
the op amp’s unity gain bandwidth crosses zero, the op amp is stable. If, however, a large capacitance is added
to the output of the op amp, it combines with the output impedance of the op amp to create another pole in its
frequency response before its unity gain frequency (Figure 26). This increases the ROC to 40 dB/ decade and
causes instability.
In such a case a number of techniques can be used to restore stability to the circuit. The idea behind all these
schemes is to modify the frequency response such that it can be restored to an ROC of 20 dB/decade, which
ensures stability.
7.4.1.1.1
In the Loop Compensation
Figure 27 illustrates a compensation technique, known as in the loop compensation, that employs an RC
feedback circuit within the feedback loop to stabilize a non-inverting amplifier configuration. A small series
resistance, RS, is used to isolate the amplifier output from the load capacitance, CL, and a small capacitance, CF,
is inserted across the feedback resistor to bypass CL at higher frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com