Electronic Components Datasheet Search
  English  ▼

X  

LMV551 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV551
Description  LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV551 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV551 Datasheet HTML 2Page - Texas Instruments LMV551 Datasheet HTML 3Page - Texas Instruments LMV551 Datasheet HTML 4Page - Texas Instruments LMV551 Datasheet HTML 5Page - Texas Instruments LMV551 Datasheet HTML 6Page - Texas Instruments LMV551 Datasheet HTML 7Page - Texas Instruments LMV551 Datasheet HTML 8Page - Texas Instruments LMV551 Datasheet HTML 9Page - Texas Instruments LMV551 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LMV551-Q1
SNOSD24 – FEBRUARY 2017
www.ti.com
Product Folder Links: LMV551-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Electrical Table values apply only for factor testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specify of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ = TA.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and also depend on the application and configuration. The typical values are not tested and are not specified on shipped
production material.
(4)
Positive current corresponds to current flowing into the device.
(5)
The part is not short circuit protected and is not recommended for operation with heavy resistive loads.
(6)
Slew rate is the average of the rising and falling slew rates.
6.6 Electrical Characteristics: 5 V
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 5V, V− = 0 V, V
CM = V
+/2 = V
O.
(1)
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
VOS
Input offset voltage
TA = 25°C
–4.5
1
3
mV
TA = –40°C to +125°C
–8
4.5
TC VOS
Input offset average drift
TA = –40°C to +125°C
3.3
μV/°C
IB
Input bias current (4)
TA = 25°C
20
38
nA
IOS
Input offset current
TA = 25°C
1
20
nA
CMRR
Common mode rejection ratio
0 V
≤ VCM 4 V
TA = 25°C
76
93
dB
TA = –40°C to +125°C
74
PSRR
Power supply rejection ratio
3 V
≤ V+ ≤ 5 V,
VCM = 0.5 V
TA = 25°C
78
90
dB
TA = –40°C to +125°C
75
2.7 V
≤ V+ ≤ 5.5 V,
VCM = 0.5V
TA = 25°C
78
90
TA = –40°C to +125°C
75
CMVR
Input common-mode voltage
CMRR
≥ 68 dB
TA = 25°C
0
4.1
V
CMRR
≥ 60 dB
TA = –40°C to +125°C
0
4.1
AVOL
Large signal voltage gain
0.4 V
≤ VO ≤ 4.6 V,
RL = 100 kΩ to V
+/2
TA = 25°C
78
90
dB
TA = –40°C to +125°C
75
0.4 V
≤ VO ≤ 4.6 V,
RL = 10 kΩ to V
+/2
TA = 25°C
75
80
TA = –40°C to +125°C
72
VO
Output swing high
RL = 100 kΩ to V
+/2
TA = 25°C
70
92
mV
from
rail
TA = –40°C to +125°C
122
RL = 10 kΩ to V
+/2
TA = 25°C
125
155
TA = –40°C to +125°C
210
Output swing low
RL = 100 kΩ to V
+/2
TA = 25°C
60
70
TA = –40°C to +125°C
82
RL = 10 kΩ to V
+/2
TA = 25°C
110
130
TA = –40°C to +125°C
155
ISC
Output short circuit current
Sourcing (5)
10
mA
Sinking (5)
25
IS
Supply current
TA = 25°C
37
46
μA
TA = –40°C to +125°C
54
SR
Slew rate
AV = +1, VO = 1 VPP, 10% to 90%
(6)
1
V/μs
Φm
Phase margin
RL = 10 kΩ, CL = 20 pF
75
°
GBW
Gain bandwidth product
3
MHz
en
Input-referred voltage noise
f = 100 kHz
70
nV
√Hz
f = 1 kHz
70
in
Input-referred current noise
f = 100 kHz
0.1
pA
√Hz
f = 1 kHz
0.15
THD
Total harmonic distortion
f = 1 kHz, AV = 2, RL = 2 kΩ
0.003%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com