Electronic Components Datasheet Search
  English  ▼

X  

LMV551 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV551
Description  LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV551 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV551 Datasheet HTML 8Page - Texas Instruments LMV551 Datasheet HTML 9Page - Texas Instruments LMV551 Datasheet HTML 10Page - Texas Instruments LMV551 Datasheet HTML 11Page - Texas Instruments LMV551 Datasheet HTML 12Page - Texas Instruments LMV551 Datasheet HTML 13Page - Texas Instruments LMV551 Datasheet HTML 14Page - Texas Instruments LMV551 Datasheet HTML 15Page - Texas Instruments LMV551 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
OUT
V
+
V
–
IN –
IN +
Copyright © 2016,
Texas Instruments Incorporated
12
LMV551-Q1
SNOSD24 – FEBRUARY 2017
www.ti.com
Product Folder Links: LMV551-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMV551-Q1 is a high performance, low power operational amplifiers implemented with TI’s advanced VIP50
process. The LMV551-Q1 features 3 MHz of bandwidth while consuming only 37 µA of current, which is an
exceptional bandwidth to power ratio in this op amp class. This amplifier is unity gain stable and provide an
excellent solution for low power applications requiring a wide bandwidth.
7.2 Functional Block Diagram
7.3 Feature Description
The differential inputs of the amplifier consist of a noninverting input (+IN) and an inverting input (–IN). The
amplifier amplifies only the difference in voltage between the two inputs, which is called the differential input
voltage. The output voltage of the op-amp VOUT is given by Equation 1:
VOUT = AOL (IN
+– IN–)
where
•
AOL is the open-loop gain of the amplifier, typically around 100 dB (100,000x, or 10 μV per volt).
(1)
7.3.1 Low Voltage and Low Power Operation
The LMV551-Q1 has performance ensured at supply voltages of 3 V and 5 V and are ensured to be operational
at all supply voltages from 2.7 V to 5.5 V. For this supply voltage range, the LMV551-Q1 draw the extremely low
supply current of less than 37 μA.
7.3.2 Wide Bandwidth
The bandwidth to power ratio of 3 MHz to 37 μA per amplifier is one of the best bandwidth to power ratios ever
achieved. This makes these devices ideal for low power signal processing applications such as portable media
players and instrumentation.
7.3.3 Low Input Referred Noise
The LMV551-Q1 provides a flatband input referred voltage noise density of 70 nV/
√Hz , which is significantly
better than the noise performance expected from an ultra low power op amp. They also feature the exceptionally
low 1/f noise corner frequency of 4 Hz. This noise specification makes the LMV551-Q1 ideal for low power
applications such as mobile devices and portable sensors.
7.3.4 Ground Sensing and Rail-to-Rail Output
The LMV551-Q1 has a rail-to-rail output stage, which provides the maximum possible output dynamic range.
This is especially important for applications requiring a large output swing. The input common mode range
includes the negative supply rail which allows direct sensing at ground in a single supply operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com