Electronic Components Datasheet Search
  English  ▼

X  

LMV551 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV551
Description  LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV551 Datasheet(HTML) 2 Page - Texas Instruments

  LMV551 Datasheet HTML 1Page - Texas Instruments LMV551 Datasheet HTML 2Page - Texas Instruments LMV551 Datasheet HTML 3Page - Texas Instruments LMV551 Datasheet HTML 4Page - Texas Instruments LMV551 Datasheet HTML 5Page - Texas Instruments LMV551 Datasheet HTML 6Page - Texas Instruments LMV551 Datasheet HTML 7Page - Texas Instruments LMV551 Datasheet HTML 8Page - Texas Instruments LMV551 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
LMV551-Q1
SNOSD24 – FEBRUARY 2017
www.ti.com
Product Folder Links: LMV551-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ..................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics: 3 V ................................... 5
6.6
Electrical Characteristics: 5 V ................................... 6
6.7
Typical Characteristics .............................................. 7
7
Detailed Description ............................................ 12
7.1
Overview ................................................................. 12
7.2
Functional Block Diagram ....................................... 12
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
8.2
Typical Application .................................................. 16
8.3
Dos and Don'ts ....................................................... 18
9
Power Supply Recommendations ...................... 19
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 19
11
Device and Documentation Support ................. 20
11.1
Device Support .................................................... 20
11.2
Documentation Support ....................................... 20
11.3
Receiving Notification of Documentation Updates 20
11.4
Community Resources.......................................... 20
11.5
Trademarks ........................................................... 20
11.6
Electrostatic Discharge Caution ............................ 20
11.7
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
February 2017
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com