Electronic Components Datasheet Search
  English  ▼

X  

LMV551 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV551
Description  LMV551-Q1 3-MHz, Automotive Micropower RRO Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV551 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV551 Datasheet HTML 4Page - Texas Instruments LMV551 Datasheet HTML 5Page - Texas Instruments LMV551 Datasheet HTML 6Page - Texas Instruments LMV551 Datasheet HTML 7Page - Texas Instruments LMV551 Datasheet HTML 8Page - Texas Instruments LMV551 Datasheet HTML 9Page - Texas Instruments LMV551 Datasheet HTML 10Page - Texas Instruments LMV551 Datasheet HTML 11Page - Texas Instruments LMV551 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0.01
0.1
1
10
0.00
0.01
0.10
1.00
VOUT (VPP)
VS = 3V
AV = +2
VIN = 1 kHz SINE WAVE
RL = 10 k:
RL = 100 k:
0.01
0.1
1
10
0.00
0.01
0.10
1.00
VOUT (VPP)
VS = 5V
AV = +2
VIN = 1 kHz SINE WAVE
RL = 10 k:
RL = 100 k:
0.1
1
10
100
10k
FREQUENCY (Hz)
0
0.1
100
1000
1k
1
10
VOLTAGE nV/ Hz
CURRENT pA/ Hz
0
20
40
60
80
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
TIME (Ps)
VS = 5V
CL = 15 pF
VIN = 20 mVPP, 20 kHz
0
20
40
60
80
100
-0.015
-0.01
-0.005
0
0.005
0.01
0.015
TIME (Ps)
VS = 5V
CL = 50 pF
VIN = 20 mVPP, 20 kHz
0
20
40
60
80
100
-1.5
-1
-0.5
0
0.5
1
1.5
TIME (Ps)
VS = 5V
CL = 15 pF, AV = +1
VIN = 2 VPP, 20 kHz
8
LMV551-Q1
SNOSD24 – FEBRUARY 2017
www.ti.com
Product Folder Links: LMV551-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Small-Signal Transient Response
Figure 8. Large-Signal Transient Response
Figure 9. Small-Signal Transient Response
Figure 10. Input Referred Noise vs Frequency
Figure 11. THD+N vs Amplitude at 3 V
Figure 12. THD+N vs Amplitude at 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com