Electronic Components Datasheet Search
  English  ▼

X  

CC3300MOD Datasheet(PDF) 16 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC3300MOD Datasheet HTML 12Page - Texas Instruments CC3300MOD Datasheet HTML 13Page - Texas Instruments CC3300MOD Datasheet HTML 14Page - Texas Instruments CC3300MOD Datasheet HTML 15Page - Texas Instruments CC3300MOD Datasheet HTML 16Page - Texas Instruments CC3300MOD Datasheet HTML 17Page - Texas Instruments CC3300MOD Datasheet HTML 18Page - Texas Instruments CC3300MOD Datasheet HTML 19Page - Texas Instruments CC3300MOD Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Table 6-2. SDIO Timing Parameters: Default Speed
Parameter
Description
MIN
MAX
Unit
fclock
Clock frequency, CLK
26
MHz
tHigh
High Period
10
ns
tLow
Low Period
10
tTLH
Rise time, CLK
10
tTHL
Fall time, CLK
10
tISU
Setup time, input valid before CLK ↑
5
tIH
Hold time, input valid after CLK ↑
5
tODLY
Delay time, CLK ↓ to output valid
2
14
CL
Capacitive load on outputs
15
40
pF
6.15.1.2 SDIO Timing Diagram: High Speed
Figure 6-3. SDIO HS Input Timing
Figure 6-4. SDIO HS Output Timing
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com