Electronic Components Datasheet Search
  English  ▼

X  

CC3300MOD Datasheet(PDF) 4 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 4 Page - Texas Instruments

  CC3300MOD Datasheet HTML 1Page - Texas Instruments CC3300MOD Datasheet HTML 2Page - Texas Instruments CC3300MOD Datasheet HTML 3Page - Texas Instruments CC3300MOD Datasheet HTML 4Page - Texas Instruments CC3300MOD Datasheet HTML 5Page - Texas Instruments CC3300MOD Datasheet HTML 6Page - Texas Instruments CC3300MOD Datasheet HTML 7Page - Texas Instruments CC3300MOD Datasheet HTML 8Page - Texas Instruments CC3300MOD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................2
4 Functional Block Diagrams............................................ 3
5 Pin Configuration and Functions...................................5
5.1 Pin Diagram................................................................ 5
5.2 Pin Descriptions.......................................................... 6
6 Specifications.................................................................. 9
6.1 Absolute Maximum Ratings........................................ 9
6.2 ESD Ratings............................................................... 9
6.3 Recommended Operating Conditions.........................9
6.4 Electrical Characteristics.............................................9
6.5 WLAN Performance: 2.4GHz Receiver
Characteristics...............................................................9
6.6 WLAN Performance: 2.4GHz Transmitter Power......10
6.7 BLE Performance: Receiver Characteristics.............10
6.8 BLE Performance: Transmitter Characteristics.........12
6.9 Current Consumption: WLAN Static Modes..............12
6.10 Current Consumption: 2.4GHz WLAN Use Cases..13
6.11 Current Consumption: BLE Static Modes............... 13
6.12 Current Consumption: BLE Use Cases.................. 13
6.13 Current Consumption: Device Modes..................... 13
6.14 Timing and Switching Characteristics..................... 13
6.15 Interface Timing Characteristics..............................15
7 Device Certification....................................................... 20
7.1 FCC Certification and Statement.............................. 20
7.2 IC/ISED Certification and Statement.........................21
7.3 ETSI/CE.................................................................... 21
7.4 MIC Certification....................................................... 21
7.5 Manual Information to the End User......................... 21
7.6 Module Markings.......................................................22
8 Application Information................................................ 24
8.1 Typical Application—CC330xMOD Reference
Design......................................................................... 24
8.2 Design Recommendations........................................24
9 Device and Documentation Support............................27
9.1 Third-Party Products Disclaimer............................... 27
9.2 Device Nomenclature Boilerplate..............................27
9.3 Tools and Software................................................... 27
9.4 Documentation Support............................................ 28
9.5 Support Resources................................................... 28
9.6 Trademarks...............................................................29
9.7 Electrostatic Discharge Caution................................29
9.8 Glossary....................................................................29
10 Revision History.......................................................... 29
11 Mechanical, Packaging, and Orderable
Information.................................................................... 30
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com