Electronic Components Datasheet Search
  English  ▼

X  

CC3300MOD Datasheet(PDF) 6 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC3300MOD Datasheet HTML 2Page - Texas Instruments CC3300MOD Datasheet HTML 3Page - Texas Instruments CC3300MOD Datasheet HTML 4Page - Texas Instruments CC3300MOD Datasheet HTML 5Page - Texas Instruments CC3300MOD Datasheet HTML 6Page - Texas Instruments CC3300MOD Datasheet HTML 7Page - Texas Instruments CC3300MOD Datasheet HTML 8Page - Texas Instruments CC3300MOD Datasheet HTML 9Page - Texas Instruments CC3300MOD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
5.2 Pin Descriptions
Table 5-1. Pin Descriptions
PIN
SIGNAL NAME
TYPE
DIR (I/O)
VOLTAGE
LEVEL
SHUTDOWN
STATE
STATE
AFTER
POWER-UP
DESCRIPTION
1
GND
GND
GND
2
GND
GND
GND
3
SDIO CLK
Digital
I
1.8V
HiZ
HiZ
SDIO clock or SPI clock
4
SDIO CMD
Digital
I/O
1.8V
HiZ
HiZ
SDIO command or SPI PICO
5
SDIO_D3
Digital
I/O
1.8V
HiZ
PU
SDIO data D3 or SPI CS
6
SDIO_D2
Digital
I/O
1.8V
HiZ
HiZ
SDIO data D2
7
SDIO_D1
Digital
I/O
1.8V
HiZ
HiZ
SDIO data D1
8
SDIO_D0
Digital
I/O
1.8V
HiZ
HiZ
SDIO data D0 or SPI POCI
9
Logger3
Digital
O
1.8V
PU
PU
Tracer (UART TX debug
logger)
10
Host_IRQ_WL3
Digital
O
1.8V
PD
0
Interrupt request to host for
WLAN
11
Host_IRQ_BLE
Digital
O
1.8V
PD
PD
Reserved for future use
12
SWDIO
Digital
I/O
1.8V
PU
PU
Serial wire debug I/O
13
SWCLK
Digital
I
1.8V
PD
PD
Serial wire debug clock
14
GND
GND
GND
15
GND
GND
GND
16
GND
GND
GND
17
nReset
Digital
I
1.8V
PD
PD
Reset line for enabling or
disabling device (active low)
18
SLOW_CLK_IN
Digital
I
1.8V
PD
PD
32.768kHZ RTC clock input
19
VPP_IN
POW
1.8V OTP programming input
supply
20
GND
GND
GND
21
GND
GND
GND
22
GND
GND
GND
23
RF_OUT
RF
I/O
Bluetooth Low Energy and
WLAN 2.4GHz RF port
24
GND
GND
GND
25
GND
GND
GND
26
GND
GND
GND
27
GND
GND
GND
28
GND
GND
GND
29
GND
GND
GND
30
GND
GND
GND
31
GND
GND
GND
32
GND
GND
GND
33
GND
GND
GND
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com