Electronic Components Datasheet Search
  English  ▼

X  

CC3300MOD Datasheet(PDF) 18 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC3300MOD Datasheet HTML 14Page - Texas Instruments CC3300MOD Datasheet HTML 15Page - Texas Instruments CC3300MOD Datasheet HTML 16Page - Texas Instruments CC3300MOD Datasheet HTML 17Page - Texas Instruments CC3300MOD Datasheet HTML 18Page - Texas Instruments CC3300MOD Datasheet HTML 19Page - Texas Instruments CC3300MOD Datasheet HTML 20Page - Texas Instruments CC3300MOD Datasheet HTML 21Page - Texas Instruments CC3300MOD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
6.15.2 SPI Timing Specifications
SPI is another host interface for WLAN. The CC330x device also supports shared SPI interface for both BLE and
WLAN.
6.15.2.1 SPI Timing Diagram
tHigh/Low
tHigh/Low
CS
(inverted)
CS
tCS_SU
tISU
tIH
tDr
SCLK
(SPO = 0)
PICO
SCLK
(SPO = 1)
POCI
1 / fclock
Peripheral Mode, SPH = 0
CS
(inverted)
CS
tCS_SU
tISU
tIH
tDr
SCLK
(SPO = 0)
PICO
SCLK
(SPO = 1)
POCI
1 / fclock
tHigh/Low
tHigh/Low
Peripheral Mode, SPH = 1
tTHL/TLH
tTHL/TLH
Figure 6-5. SPI Timing
6.15.2.2 SPI Timing Parameters
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
fclock
Clock frequency, CLK
26
MHz
tHigh
High Period
10
ns
tLow
Low Period
10
tTLH
Rise time, CLK
3
tTHL
Fall time, CLK
3
tCSsu
CS Setup time, CS valid before CLK ↑
3
tISU
PICO, input valid before CLK ↑
3
tIH
PICO Hold time, input valid after CLK ↑
3
tDr, tDf - Active
Delay time, CLK ↑/↓ to output valid
2
10
tDr, tDf - Sleep
Delay time, CLK ↑/↓ to output valid
12
CL
Capacitive load on outputs
15
40
pF
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com