Electronic Components Datasheet Search
  English  ▼

X  

CC3300MOD Datasheet(PDF) 12 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC3300MOD Datasheet HTML 8Page - Texas Instruments CC3300MOD Datasheet HTML 9Page - Texas Instruments CC3300MOD Datasheet HTML 10Page - Texas Instruments CC3300MOD Datasheet HTML 11Page - Texas Instruments CC3300MOD Datasheet HTML 12Page - Texas Instruments CC3300MOD Datasheet HTML 13Page - Texas Instruments CC3300MOD Datasheet HTML 14Page - Texas Instruments CC3300MOD Datasheet HTML 15Page - Texas Instruments CC3300MOD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
6.7 BLE Performance: Receiver Characteristics (continued)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Receiver sensitivity(4)
PER <30.2%
– 93.3
dBm
Receiver saturation
PER <30.2%
2
dBm
Co-channel rejection(1)
Wanted signal at –67dBm, modulated interferer in
channel
10
dB
Selectivity, ±2MHz(1)
Wanted signal at –67dBm, modulated interferer at
±2MHz.
0 / 0
dB
Selectivity, ±4MHz(1)
Wanted signal at –67dBm, modulated interferer at
±4MHz
–35 / –28
dB
Selectivity, ±6MHz(1)
Wanted signal at –67dBm, modulated interferer at
±6MHz
–35 / –28
dB
Alternate channel rejection,
±8MHz(1)
Wanted signal at –67dBm, modulated interferer at
±8MHz
–37 / –32
dB
Out-of-band blocking
30MHz to 2000MHz, Wanted signal at –67dBm
–23
dBm
Out-of-band blocking
2003MHz to 2399MHz, Wanted signal at –67dBm
–30
dBm
Out-of-band blocking
2484MHz to 2997MHz, Wanted signal at –67dBm
–30
dBm
Out-of-band blocking
3000MHz to 6GHz, Wanted signal at –67dBm
–21
dBm
Intermodulation
Wanted signal at 2402MHz, –64dBm. Two
interferers at 2405 and 2408MHz respectively, at
the given power level
–44
dBm
RSSI Accuracy
Dynamic range of –90 to –20dBm
–4
4
dB
(1)
Numbers given as C/I dB
(2)
BLE Coded PHY sensitivity on channels 17 may degrade by up to 3dB
(3)
BLE 1M PHY sensitivity on channels 17 and 39 may degrade by up to 2.5dB
(4)
BLE 2M PHY sensitivity on channel 17 may degrade by up to 1.5dB
6.8 BLE Performance: Transmitter Characteristics
The CC33X1 devices support BLE TX setting 0,5,10, or 20dBm
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Output Power, highest
setting
17.8
dBm
6.9 Current Consumption: WLAN Static Modes
All results are based on measurements taken using the RadioTool evaluation application (typ values are taken with nominal
devices at room temp).
PARAMETER
TEST CONDITIONS
1V8_IN
3V3_IN
UNIT
TYP
MAX
TYP
MAX
Continuous TX(1)
1 DSSS
TX Power = 18.4dBm
92
250
290(1)
mA
6 OFDM
TX Power = 18dBm
105
170(1)
250
290(1)
54 OFDM
TX Power = 15.5dBm
111
180
HT MCS0
TX Power = 18dBm
105
245
HT MCS7
TX Power = 15.5dBm
110
180
HE MCS0
TX Power = 18dBm
105
240
HE MCS7
TX Power = 15.5dBm
110
180
Continuous RX
62
0
mA
Continuous Listen (For
Beacon)
55.5
0
(1)
Peak current 3V3_IN can hit 340mA during device calibration.
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com