Electronic Components Datasheet Search
  English  ▼

X  

CC3300MOD Datasheet(PDF) 33 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC3300MOD Datasheet HTML 27Page - Texas Instruments CC3300MOD Datasheet HTML 28Page - Texas Instruments CC3300MOD Datasheet HTML 29Page - Texas Instruments CC3300MOD Datasheet HTML 30Page - Texas Instruments CC3300MOD Datasheet HTML 31Page - Texas Instruments CC3300MOD Datasheet HTML 32Page - Texas Instruments CC3300MOD Datasheet HTML 33Page - Texas Instruments CC3300MOD Datasheet HTML 34Page - Texas Instruments CC3300MOD Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
52X (0.5)
48X (0.65)
2X (10)
2X (10)
(R0.05) TYP
52X (0.3)
8X (1.1)
(1.45) TYP
(0.7)
(1.45) TYP
(0.3)
9X ( 1)
4X ( 0.5)
QFM - 2.1 mm max height
MOZ0065A
QUAD FLAT MODULE
4229851/A 07/2023
NOTES: (continued)
4. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
PKG
PKG
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:10X
1
2
14
15
16
28
29
30
42
43
44
56
57
59
60
62
65
63
58
61
64
(45 X 0.5)
METAL UNDER
SOLDER MASK
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com