Electronic Components Datasheet Search
  English  ▼

X  

CC3300MOD Datasheet(PDF) 14 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC3300MOD Datasheet HTML 10Page - Texas Instruments CC3300MOD Datasheet HTML 11Page - Texas Instruments CC3300MOD Datasheet HTML 12Page - Texas Instruments CC3300MOD Datasheet HTML 13Page - Texas Instruments CC3300MOD Datasheet HTML 14Page - Texas Instruments CC3300MOD Datasheet HTML 15Page - Texas Instruments CC3300MOD Datasheet HTML 16Page - Texas Instruments CC3300MOD Datasheet HTML 17Page - Texas Instruments CC3300MOD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
3. The nReset pin must be held low for at least 10μs after the stabilization of the external power supplies.
6.14.2 Clocking Specifications
The CC330x device uses two clocks for operation:
• A fast clock running at 40MHz for WLAN/BLE functions
• A slow clock running at 32.768kHz for low power modes
The fast clock is integrated inside the CC330xMOD and does not need to be supplied externally. The slow clock
can be generated internally from the CC330x device or can be supplied externally to the CC330xMOD.
6.14.2.1 Slow Clock Generated Internally
To minimize external components, the slow clock can be generated by an internal oscillator. However, this
clock is less accurate and consumes more power than sourcing the slow clock externally. For this scenario the
SLOW_CLK_IN pin must be left not connected.
6.14.2.2 Slow Clock Using an External Oscillator
For excellent power consumption, the slow clock can be generated externally by an oscillator or sourced from
elsewhere in the system. The external source must meet the requirements shown below. This clock can be fed
into the CC330xMOD pin SLOW_CLK_IN and must be stable before nReset is deasserted and the device is
enabled.
Table 6-1. External Slow Clock Requirements
Parameter
Description
MIN
TYP
MAX
Unit
Input slow clock frequency
Square wave
32768
Hz
Frequency accuracy
Inital + temperature + aging
±250
ppm
Input Duty cycle
30%
50%
70%
Tr/Tf
Rise and fall time
10% to 90% (rise) and 90% to 10%
(fall) of digital signal level
100
ns
VIL
Input low level
0
0.35 × VIO
V
VIH
Input high level
0.65 × VIO
1.95
V
Input impedence
1
MΩ
Input capacitance
5
pF
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com