Electronic Components Datasheet Search
  English  ▼

X  

PIPF13UHFX Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # PIPF13UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIPF13UHFX Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button PIPF13UHFX Datasheet HTML 4Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 5Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 6Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 7Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 8Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 9Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 10Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 11Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 12Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Fiber Systems
170
More information online at
bannerengineering.com
D10 Series
D10 Expert™ with Numeric Display—Analog/Discrete Specifications
Construction
Black ABS/polycarbonate alloy (UL94 V-0 rated) housing, clear polycarbonate cover.
Environmental Rating
NEMA 1; IEC IP50
Connections
PVC-jacketed 2 m or 9 m 6-wire integral cable or integral 6-pin Pico-style quick-disconnect, QD cables are ordered
separately. See page 379.
Operating Conditions
Temperature: -20° to +55° C Storage Temperature: -20° to +80° C Relative humidity: 90% @ 50° C
Number of Devices Stacked
Ambient Temperature Rating
Load Specification
3
55° C
150 mA
7
50° C
50 mA
10
45° C
50 mA
Installation
35 mm DIN rail or included mounting bracket
Certifications
Hookup Diagrams
D10INFP(Q) Current & NPN Models: DC23 (p. 481)
D10UNFP(Q) Current & PNP Models: DC25 (p. 482)
D10IPFP(Q) Voltage & NPN Models: DC24 (p. 481)
D10UPFP(Q) Voltage & PNP Models: DC26 (p. 482)
D10 Expert™ with Bargraph Display—Discrete Specifications
Required Fiber Optic Cable
Banner P-Series plastic fibers (See Plastic Fiber Optic section, page 182)
Supply Voltage and Current
10 to 30V dc (10% max. ripple) at less than 45 mA, exclusive of load
Supply Protection Circuitry
Protected against reverse polarity, over voltage and transient voltage.
Delay at Power Up
200 milliseconds max.; outputs do not conduct during this time
Output Configuration
Bipolar: 1 current sourcing (PNP) and 1 current sinking (NPN)
Output Rating
150 mA max. load
OFF-state leakage current: less than 5 µA at 30V dc
ON-state saturation voltage:
NPN less than 200 mV at 10 mA and 1V at 150 mA load
PNP less than 1V at 10 mA and 1.5V at 150 mA load
Output Protection Circuitry
Protected against output short-circuit, continuous overload, transient over-voltages, and false pulse on power-up
Output Response Time
500 microseconds (normal mode) or 200 microseconds (high-speed mode)
Repeatability
100 microseconds (normal mode) or 66 microseconds (high-speed mode)
Adjustments
Two push buttons and remote wire
• Expert TEACH programming (two-point static, dynamic and single-point static)
• Manually Adjust (+/–) sensitivity (from buttons only – not available on remote wire)
• LO/DO, OFF Delay, and response speed configurable (from buttons or remote wire)
• Push-button lockout (from remote wire only)
Factory Default Settings: Light Operate, Normal Speed, No Delay
Indicators
8-segment red bargraph: Light-to-dark signal difference relative to taught condition (single-point TEACH )
Sensing contrast (two-point TEACH)
Green Status Indicators: LO, DO, High Speed (HS) and OFF Delay
Green LED: Power ON
Yellow LED: Output conducting
Construction
Black ABS/polycarbonate alloy (UL94 V-0 rated) housing, clear polycarbonate cover.
Environmental Rating
NEMA 1; IEC IP50
Connections
PVC-jacketed 2 m or 9 m 6-wire integral cable or integral 6-pin Pico-style quick-disconnect. QD cables are ordered
separately. See page 379.
Operating Conditions
Temperature: -10° to +55° C Storage Temperature: -20° to +85° C Relative humidity: 90% @ 50° C
Installation
35 mm DIN rail or included mounting bracket
Certifications
Hookup Diagrams
DC11 (p. 478)
D10 Expert™ with Numeric Display—Analog/Discrete (cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com