Electronic Components Datasheet Search
  English  ▼

X  

PIPF13UHFX Datasheet(PDF) 12 Page - Banner Engineering Corp.

Part # PIPF13UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIPF13UHFX Datasheet(HTML) 12 Page - Banner Engineering Corp.

Back Button PIPF13UHFX Datasheet HTML 8Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 9Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 10Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 11Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 12Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 13Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 14Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 15Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 16Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Fiber Systems
174
More information online at
bannerengineering.com
D12 Series
D12 High-Power, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Output
Response
Excess
Gain
Data
Sheet
D12SN6FPH
PLASTIC FIBER
Range varies
by sensing
mode
and fiber
optics used
2 m
NPN
500 µs
EGCP- 40
& EGCP-41
(p. 449)
34970
D12SN6FPHQ
4-Pin Pico Pigtail QD
D12SP6FPH
2 m
PNP
D12SP6FPHQ
4-Pin Pico Pigtail QD
D12 AC-Coupled, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Output
Response
Data
Sheet
D12DAB6FV
GLASS FIBER
Range varies by
Power Level/Speed
Selection used and with
fiber optics used.
See data sheet part
number 38384 for range
information.
2 m
Bipolar
NPN/PNP
50 µs
38384
D12DAB6FVQ
4-Pin Pico Pigtail QD
D12DAB6FP
PLASTIC FIBER
2 m
50 µs
D12DAB6FPQ
4-Pin Pico Pigtail QD
*
Visible Red LED
**
For 9 m cable, add suffix W/30 to the 2 m model number (example, D12SN6FPH W/30). A model with a QD requires a mating cable (see page 378).
D12 Expert™ Specifications
Supply Voltage and Current
10 to 30V dc at 45 mA max. (exclusive of load); 10% max. ripple
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Output Configuration
NPN open collector (both outputs) or PNP open collector (both outputs), depending on model
Load output: NO and programmable Light or Dark-Operate;
Alarm output: NO
Output Rating
150 mA max. each output
Off-state leakage current: less than 10 µA at 30V dc
On-state saturation voltage: less than 1 volt at 10 mA dc and less than 1.5 volts at 150 mA dc.
The total load may not exceed 150 mA
Output Protection Circuitry
Protected against false pulse on power-up and short circuit of outputs (trips at 175 mA)
Output Response Time
200 microseconds ON/OFF (40 milliseconds OFF when OFF-delay selected)
(NOTE: False pulse protection circuit causes a 0.1 second delay on power-up)
Output Operation Mode
Light operate or dark operate: selected by push button
Output Timing Functions
ON/OFF (no delay) or fixed 40 millisecond OFF-delay; selected by push button
Repeatability
66 microseconds
Adjustments
Push-button teach mode sensitivity setting; Remote teaching input is provided
Indicators
Green LED lights for DC power ON and flashes when ready for teach mode; 1 Hz when ready to learn first
condition; 2 Hz for second condition
Yellow LED lights for load output ON (conducting)
7-segment moving dot red LED display indicates relative received light signal strength, output program settings,
relative contrast level and alarm
Mounting Bracket
D12 Sensors mount directly to a standard DIN rail, or may be through-hole mounted using the supplied mounting
bracket and M3 x 0.5 hardware
Download
PDF
Download
PDF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com