Electronic Components Datasheet Search
  English  ▼

X  

PIPF13UHFX Datasheet(PDF) 34 Page - Banner Engineering Corp.

Part # PIPF13UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIPF13UHFX Datasheet(HTML) 34 Page - Banner Engineering Corp.

Back Button PIPF13UHFX Datasheet HTML 30Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 31Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 32Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 33Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 34Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 35Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 36Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 37Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 38Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Fiber Systems
196 More information online at bannerengineering.com
Plastic Fiber Optics
Indicates lenses available for model. See page 195 for details.
NA: WORLD-BEAM QS18 not recommended.
NA: MINI-BEAM Expert™ not recommended.
* Fibers are sold separately, must order two fibers to form a pair.
1.57
19
BMT16.6S-HT
Detailed Dimensions Online
stainless
steel
PVC shrink junction
ø 4.2
M4 x 0.7
stainless steel
15.0
38
150
2000
ø 3.0
30.0
15.5
ø 4.6
ø 2.2
100
200
300
400
• High performance glass
fiber optics for use with
Banner D10 plastic fiber
sensors
• Miniature thread;
end tip withstands
315° C (600° F)
1.27
19
IMT.756.6S-HT*
Detailed Dimensions Online
stainless
steel
ø 3.0
ø 4.2
2000
12.0
3.0
M4 x 0.7
stainless steel
M2.5
x 0.045
30.0
15.5
ø 4.6
ø 2.2
200
800
400
600
1000
• High performance glass
fiber optics for use with
Banner D10 plastic fiber
sensors
• Miniature thread;
end tip withstands
315° C (600° F)
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com