Electronic Components Datasheet Search
  English  ▼

X  

PIPF13UHFX Datasheet(PDF) 24 Page - Banner Engineering Corp.

Part # PIPF13UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIPF13UHFX Datasheet(HTML) 24 Page - Banner Engineering Corp.

Back Button PIPF13UHFX Datasheet HTML 20Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 21Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 22Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 23Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 24Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 25Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 26Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 27Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 28Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Fiber Systems
186 More information online at bannerengineering.com
Plastic Fiber Optics
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
Indicates lens available for model. See page 189 for details.
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
0.5
4X 0.25
12
PBCF21X46U
Detailed Dimensions Online
15.0
ø 3.0
ø 2.0
2X ø 1.0
polyethylene
stainless
steel
15.0
2000
20
100
40
60
80
120
• Miniature probe tip
1.0
16X 0.265
25
PBCF46U
Detailed Dimensions Online
ø 5.1
2X ø 2.2
polyethylene
17.0
2000
stainless steel
50
100
150
200
250
300
350
• Smooth ferrule
0.5
4X 0.25
12
PBCT21X46U
Detailed Dimensions Online
2X ø 1.0
polyethylene
12.0
2000
M3 x 0.5
stainless
steel
20
100
40
60
80
120
• Miniature thread
0.5
9X 0.25
12
PBCT26U
Detailed Dimensions Online
2X ø 1.25
polyethylene
18.0
2000
M4 x 0.7
stainless steel
40
20
160
140
60
100
80
120
180
• Thread
0.5
9X 0.25
12
PBCT26UM3
Detailed Dimensions Online
2X ø 1.25
polyethylene
13.0
5.0
2000
M3 x 0.5
stainless steel
ø 3.0
40
20
160
140
60
100
80
120
180
• Miniature thread
0.5
9X 0.25
12
PBCT26UM4M2.5
Detailed Dimensions Online
2X ø 1.25
polyethylene
11.0
3.0
2000
M4 x 0.7
stainless steel
M2.5 x 0.045
40
20
160
140
60
100
80
120
180
• Thread
1.0
16X 0.265
25
PBCT46U
Detailed Dimensions Online
ø 4.0
2X ø 2.2
polyethylene
14.0
3.0
2000
M6 x 0.75
nickel plated
brass
50
100
150
200
250
300
350
• Thread
4X 0.25
8
PBFM1X43T5
Detailed Dimensions Online
polyethylene
stainless
steel
ø 1.0
15.0
24.5
152
1000
ø 1.88
PVC with monocoil
30.0
15.5
ø 4.6
ø 2.2
10
40
20
30
50
• Best for repetitive
flexing (1,000s of
cycles)
1.0
25
PBP46UC
Detailed Dimensions Online
2X ø 2.2
polyethylene
2000 fully extended
200
ø 23
280
17.0
89.0
M6 x 0.75
nickel plated
brass
ø 3.0
annealed ss
(bendable)
probe
20
100
40
60
80
120
• For applications
involving reciprocating
motion
1.0
25
PBT46UC
Detailed Dimensions Online
2X ø 2.2
polyethylene
2000 fully extended
200
ø 23
280
17.0
M6 x 0.75
nickel plated
brass
ø 4.0
3.0
20
100
40
60
80
120
• For applications
involving reciprocating
motion
0.5
9X 0.25
12
PLI-A10
Detailed Dimensions Online
2X ø 1.25
polyethylene
32.2
2000
anodized aluminum
knurled locking
ferrule
ø 3.0
smooth
ferrule
stainless
M6 x 0.75
anodized
aluminum
• Anodized AL tip;
ø 0.5 - 3.2 mm
beam spot
• Glass lens
NA: WORLD-BEAM QS18 not recommended.
NA: MINI-BEAM Expert™ not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com