Electronic Components Datasheet Search
  English  ▼

X  

PIPF13UHFX Datasheet(PDF) 16 Page - Banner Engineering Corp.

Part # PIPF13UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIPF13UHFX Datasheet(HTML) 16 Page - Banner Engineering Corp.

Back Button PIPF13UHFX Datasheet HTML 12Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 13Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 14Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 15Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 16Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 17Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 18Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 19Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 20Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Fiber Systems
178
More information online at
bannerengineering.com
R55F Series
R55 Fiber Optic, 10-30V dc
Models
Sensing
Mode/LED*
Range
Cable**
Output
Type
Data
Sheet
R55F
GLASS FIBER
Range varies by sensing mode
and fiber optics used.
2 m
Bipolar
NPN/PNP
57945
R55FQ
5-pin Euro QD
R55FV
GLASS FIBER
2 m
R55FVQ
5-pin Euro QD
R55FVG
GLASS FIBER
2 m
R55FVGQ
5-pin Euro QD
R55FVB
PLASTIC FIBER
2 m
R55FVBQ
5-pin Euro QD
R55FVW
GLASS FIBER
2 m
R55FVWQ
5-pin Euro QD
R55FP
PLASTIC FIBER
2 m
R55FPQ
5-pin Euro QD
R55FPG
PLASTIC FIBER
2 m
R55FPGQ
5-pin Euro QD
R55FPB
PLASTIC FIBER
2 m
R55FPBQ
5-pin Euro QD
R55FPW
PLASTIC FIBER
2 m
R55FPWQ
5-pin Euro QD
*
Infrared LED
Visible Red LED
Visible Green LED
Visible Blue LED
Visible White LED
**
For 9 m cable, add suffix W/30 to the 2 m model number (example, R55F W/30). A model with a QD requires a mating cable (see page 382).
Download
PDF
SE
TU
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com