Electronic Components Datasheet Search
  English  ▼

X  

PIPF13UHFX Datasheet(PDF) 27 Page - Banner Engineering Corp.

Part # PIPF13UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIPF13UHFX Datasheet(HTML) 27 Page - Banner Engineering Corp.

Back Button PIPF13UHFX Datasheet HTML 23Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 24Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 25Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 26Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 27Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 28Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 29Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 30Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 31Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Fiber Systems
189
More information online at
bannerengineering.com
Plastic Fiber Optics
WORLD-BEAM®
QS18
MINI-BEAM®
Expert™
Discrete
Bargraph
Super
High Speed
High Speed
High Power
Super
High Power
D10 SERIES
FI22
CORE DIA.
MIN. BEND
MODEL NUMBER
DRAWING & DIMENSIONS
(mm)
RADIUS (mm)
FEATURES
TYPICAL RANGE (mm)
1.0
25
PBE46UTMLLP
Detailed Dimensions Online
2X ø 2.2
ø 5.7
FEP †Teflon®
polyethylene
2000
1830
75
Do not bend
this area
16.5
6.0
ø 6.0
• Fluoropolymer
encapsulated
• Sensor switches when
tip of fiber is immersed
in liquid
1.0
25
PBE46UTMLLPHT1
Detailed Dimensions Online
2X ø 2.2
ø 5.7
FEP †Teflon®
polyethylene
2000
1830
75
Do not bend
this area
16.5
6.0
ø 6.0
• Fluoropolymer
encapsulated; withstands
125° C (257° F)
• Sensor switches when
tip of fiber is immersed
in liquid
0.5
12
PBT26UM6M.1
and
TGR3/8MPFMQ
Detailed Dimensions Online
ø 4.0
14.0
3.0
2000
M6 x 0.75
nickel plated
brass
2X ø 2.2
polyethylene
• Quartz probe;
polypropylene housing
• Sensor switches
when tip of quartz is
immersed in liquid
1.0
1
PDI46U-LLD
Detailed Dimensions Online
ø 2.2
polyethylene
plastic
20
4.2
9.0
2000
7.3
5.1
15.2
• Clear tube mount;
DURA-BEND fiber
• Sensor switches when
liquid meniscus reaches
optical axis
0.5
12
PBRS26U
Detailed Dimensions Online
plastic
2000
25.0
9.0
5.0
7.5
1.6
2X ø 1.0
polyethylene
3.2
20
Outer: 2X ø 4.4
Inner: 2X ø 3.2
2X ø 0.5 fibers
10
50
20
30
40
60
• 3.2 mm thickness;
DURA-BEND fiber
1.0
25
PBE46UTMNL
Detailed Dimensions Online
2X ø 2.2
ø 5.7
FEP
†Teflon®
polyethylene
2000
1830
18.0
ø 6.0
50
350
100
150
200
250
300
400
• Fluoropolymer
encapsulated tip
ref. model
PBCT26U
ref. model
PBCT26U
L4C6
Detailed Dimensions Online
9.2
11.0
20.2
ø 6.0
lens optic
ø 4.0
• Anodized AL housing;
ø 0.25 mm beam spot
@ 6 mm
• Fixed focus
ref. model
PBCT26U
ref. model
PBCT26U
L4C20
Detailed Dimensions Online
4.7
9.0
13.7
ø 6.0
lens optic
ø 4.0
• Anodized AL housing;
ø 4 mm beam spot
@ 20 mm
• Fixed focus
ref. model
PBCT26-
UM3
ref. model
PBCT26-
UM3
LZ3C8
Detailed Dimensions Online
2.0
ø 4.5
glass lens
2X ø 3.1
12.5
5.4
M3 x 0.5 thread
6.0
8.6
15.5
black anodized
aluminum
• Anodized AL housing;
ø 0.5 - 3.2 mm adj.
beam spot
• Adjustable focus
6.4
7.6
11.4
3.0
31.6
3/8 - 32
polypropylene
2 nylon jam nuts
ø 3.0
90
A
A — - — A CROSS-SECTION DETAIL
15.7
12.7
o-ring
quartz glass rod
stainless steel
collar
M6 x 0.75
A
Indicates fiber can be Free Cut using Fiber Cutter. See page 197.
NA: WORLD-BEAM QS18 not recommended.
NA: D10—Discrete not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com