Electronic Components Datasheet Search
  English  ▼

X  

PIPF13UHFX Datasheet(PDF) 9 Page - Banner Engineering Corp.

Part # PIPF13UHFX
Description  Fiber Optic Systems
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PIPF13UHFX Datasheet(HTML) 9 Page - Banner Engineering Corp.

Back Button PIPF13UHFX Datasheet HTML 5Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 6Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 7Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 8Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 9Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 10Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 11Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 12Page - Banner Engineering Corp. PIPF13UHFX Datasheet HTML 13Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Fiber Systems
171
More information online at
bannerengineering.com
D10 Series
D10—Discrete Specifications
Required Fiber Optic Cable
Banner P-Series plastic fibers (See Plastic Fiber Optic section, page 182)
Supply Voltage
10 to 30V dc (10% max. ripple) @ less than 25 mA, exclusive of load
Supply Protection Circuitry
Protected against reverse polarity and transient voltage
Output Configuration
Bipolar: 1 current sourcing (PNP) and 1 current sinking (NPN)
Output Rating
100 mA per output with short circuit protection
OFF-state leakage current: < 10 µA sourcing; 200 µA sinking
ON-state saturation voltage:
NPN: 1.6V @ 100 mA
PNP: 2.0V @ 100 mA
Output Protection Circuitry
Protected against output short-circuit and false pulse on power up (max. 100 milliseconds delay on power up;
outputs do not conduct during this time).
Output Response Time
Standard models (with cross-talk avoidance circuitry): 500 microseconds
High-speed models: 200 microseconds
Repeatability
Standard models: 95 microseconds
High-speed models: 50 microseconds
Adjustments
12-turn Sensitivity potentiometer with relative position indicator; LO/DO Selection switch;
0 or 40 milliseconds OFF-delay switch
NOTE: Use proper ESD techniques while making adjustments under cover.
Indicators
Two LEDs: Green and Yellow
Green ON steady: Power ON
Yellow flashing: Light Sensed Signal strength indicator (Banner’s AID Alignment Indicator Device - the faster
the flash, the more light is received).
Construction
Black ABS/polycarbonate alloy (UL94 V-0 rated) housing, clear polycarbonate cover.
Environmental Rating
IEC IP50; NEMA 1
Connections
PVC-jacketed 2 m or 9 m attached cable or 4-pin Pico-style quick-disconnect fitting. QD cables are ordered
separately. See page 378.
Operating Conditions
Temperature: -10° to +55° C Storage: -20° to +85° C
Relative humidity: 90% @ 55° C (non-condensing)
Certifications
Approvals in process.
Hookup Diagrams
DC06 (p. 477)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com