Electronic Components Datasheet Search
  English  ▼

X  

AP22950 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP22950
Description  HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22950 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP22950 Datasheet HTML 1Page - Diodes Incorporated AP22950 Datasheet HTML 2Page - Diodes Incorporated AP22950 Datasheet HTML 3Page - Diodes Incorporated AP22950 Datasheet HTML 4Page - Diodes Incorporated AP22950 Datasheet HTML 5Page - Diodes Incorporated AP22950 Datasheet HTML 6Page - Diodes Incorporated AP22950 Datasheet HTML 7Page - Diodes Incorporated AP22950 Datasheet HTML 8Page - Diodes Incorporated AP22950 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AP22950
Document number: DS47157 Rev. 2 - 2
4 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP22950
Electrical Characteristics (TJ = -40°C to +85°C, VBUS = 2.5V to 22.5V, typical values are at VBUS = 5V and TJ = +25°C, unless
otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBUS/VINT
VBUS_CLAMP
VBUS Clamp Voltage
IVBUS = 10mA, TA = +25°C
—
32
—
V
VUVLO
UVLO Release Voltage
ENb = GND
2.0
2.3
2.5
V
VHYS_UVLO
UVLO Hysteresis Voltage
Hysteresis of VBUS UVLO
enter/release, ENb = GND
VUVLO_Enter = VUVLO - VHYS_UVLO
—
100
—
mV
IQ
VBUS Quiescent Current
ENb = GND, VBUS = 5V, ILOAD = 0mA
—
70
95
µA
ENb = GND, VBUS = 20V, ILOAD = 0mA
—
100
140
µA
IQ_SD
VBUS Shutdown Current
ENb = High, VBUS = 5V, ILOAD = 0mA
—
5
10
µA
ENb = High, VBUS = 20V, ILOAD = 0mA
—
15
30
µA
IOFF_VBUS
VBUS Off Leakage Current
ENb = High, VBUS = 5V, VINT = GND
—
5
10
µA
ENb = High, VBUS = 20V, VINT = GND
—
15
30
µA
IOFF_VINT
VINT Off Leakage Current
ENb = High, VINT = 5V, VBUS = GND
—
1
5
µA
ENb = High, VINT = 20V, VBUS = GND
—
4
16
µA
ENb Input
VIL_ENb
Enable Input Logic-Low
VBUS = 2.5V to 20V
—
—
0.4
V
VIH_ENb
Enable Input Logic-High
VBUS = 2.5V to 20V
1.2
—
—
V
CIN_ENb
Input Capacitance
VBUS = 5.0V
—
4.5
—
pF
RPULL_DOWN_ENb
Internal Pulldown Resistance
—
—
1
—
MΩ
ACKb Output
VOL_ACK
ACKb Output Logic-Low
IO = 8mA; VBUS = 2.5V to 20V
—
—
500
mV
OVLO
VOVLO_TH
OVLO Set Voltage Threshold
ENb = GND
1.164
1.227
1.287
V
VOVLO_DEF_RISING
Default OVLO Rising Threshold
OVLO = GND
—
23
—
V
VOVLO_DEF_FALLING
Default OVLO Falling Threshold
OVLO = GND
—
22.5
—
V
IIN_OVLO
OVLO Input Leakage Current
VOVLO = VOVLO_TH
—
—
50
nA
Switch
RON_5V
On Resistance
ILOAD = 1A, VBUS = 5.0V
—
30
—
mΩ
RON_20V
On Resistance
ILOAD = 1A, VBUS = 20.0V
—
30
—
mΩ
Reverse Current Protection
VRCP_TRIG
RCP Triggering Voltage
VRCP_TRIG = VINT - VBUS
—
45
—
mV
VFRCP_TRIG
Fast RCP Triggering Voltage to
Turn Off Switch Without Deglitch
Time
VF_RCP_TRIG = VINT - VBUS
—
120
—
mV
VRCP_RECOVERY
RCP Recovery Voltage
VRCP_RECOVERY = VBUS - VINT
—
70
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com