Electronic Components Datasheet Search
  English  ▼

X  

AP22950 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP22950
Description  HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22950 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP22950 Datasheet HTML 3Page - Diodes Incorporated AP22950 Datasheet HTML 4Page - Diodes Incorporated AP22950 Datasheet HTML 5Page - Diodes Incorporated AP22950 Datasheet HTML 6Page - Diodes Incorporated AP22950 Datasheet HTML 7Page - Diodes Incorporated AP22950 Datasheet HTML 8Page - Diodes Incorporated AP22950 Datasheet HTML 9Page - Diodes Incorporated AP22950 Datasheet HTML 10Page - Diodes Incorporated AP22950 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AP22950
Document number: DS47157 Rev. 2 - 2
7 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP22950
Application Information
Enable/Disable Control
The ENb pin controls the state of the power switch. Logic-high on ENb disables AP22950 and the AP22950 is enabled when the ENb pin is asserted
low. The built-
in 1MΩ pulldown resistor on ENb pin ensures AP22950 stays in conduction mode even if entire system is in a dead battery or depleted
battery condition. A 15ms debounce timer filters out glitch on control signal that prevent from fault enable.
Input/Output Capacitor
The AP22950 has a built-in circuit for surge protection. This circuitry requires an external 22µF capacitor on VBUS pin for 110V surge protection
and 100V surge protection is achievable without 22µF capacitor. Minimum 1µF capacitor is required and placed as close as possible to the VBUS
pin and GND to minimize parasitic effect. Minimum 1µF capacitor on VINT pin is required.
Undervoltage Lockout
When ENb is low and VBUS < VUVLO, the undervoltage lockout (UVLO) detection circuits disable the AP22950. Once VBUS exceeds VUVLO and
there is no other protection circuit is triggered, the AP22950 is controlled by the ENb pin.
Overvoltage Lockout
When ENb is low and VBUS > VOVLO_DEF_RISING (If OVLO = GND or < 0.1V) or OVLO > OVLOTH, the overvoltage lockout (OVLO) circuit disables
the AP22950 and ACKb asserts Hi-Z state. Once VBUS < VOVLO_DEF_RISING (If OVLO = GND or < 0.1V) or OVLO < VOVLOTH and no other protection
circuit is triggered, the AP22950 resumes normal operation.
The OVLO pin is used to configure the overvoltage threshold. The default overvoltage threshold is 23V when OVLO pin shorts to GND (OVLO <
0.1V). Connecting a resistor divider to the OVLO pin adjusts the overvoltage threshold from 4V to 23V using the equation below.
AP22950
VBUS
OVLO
GND
R1
R2
VBUS
Figure 5. OVLO External Resistor Configuration
������������������������������ = ������������������������������������ℎ ×
������1 + ������2
������2
Note:
VOVLO_TH (typ) = 1.227V
R1 is recommended to use minimum 1M
Ω.
Overtemperature Protection
When EN is low and the device temperature reaches TSD (typ +150°C), the overtemperature protection (OTP) circuit disables the AP22950 and
asserts the ACKb output Hi-Z. Once the device temperature decreases below TSD - TSD_HYS (120°C = 150°C - 30°C) and no other protection circuit
is active, the AP22950 returns back to normal operation being controlled by the ENb pin status.
Acknowledge Flag Output (ACKb)
The ACKb output is an open-drain output that requires an external pullup resistor. The ACKb pin indicates the state of the power switch. When no
fault condition is triggered and power switch is conducting, ACKb asserts output low; otherwise it stays Hi-Z state. 10k
Ω to 200kΩ of external pullup
resistor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com