Electronic Components Datasheet Search
  English  ▼

X  

AP22950 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP22950
Description  HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22950 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP22950 Datasheet HTML 4Page - Diodes Incorporated AP22950 Datasheet HTML 5Page - Diodes Incorporated AP22950 Datasheet HTML 6Page - Diodes Incorporated AP22950 Datasheet HTML 7Page - Diodes Incorporated AP22950 Datasheet HTML 8Page - Diodes Incorporated AP22950 Datasheet HTML 9Page - Diodes Incorporated AP22950 Datasheet HTML 10Page - Diodes Incorporated AP22950 Datasheet HTML 11Page - Diodes Incorporated AP22950 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP22950
Document number: DS47157 Rev. 2 - 2
8 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP22950
Application Information (continued)
Reverse Current Protection
The AP22950 monitors voltage difference between VBUS and VINT. Once VRCP_TRIG (typ 45mV) < VINT - VBUS < VFRCP_TRIG (typ 120mV), control
logic turn Q2 switch by internal reverse current protection circuit trigger after tRCP_DEGLITCH (typ 3.7ms) and the control logic turn Q2 switch off
immediately if VINT - VBUS > VFRCP_TRIG (120mV) by fast reverse current protection circuit.
Control Logic
VBUS
RCP
VINT
Q1
Q2
Figure 6. Power Switch Block
VBUS
VINT
Switch
behavior
VINT =
VBUS
VINT > VBUS
VINT =
VBUS - VF
VINT = VBUS
Turn on
(Q1:ON, 2:ON)
TRCB state(Q1:ON, Q2:Off)
VINT >
VBUS+VRCP_TRIG
Turn on
(Q1:ON, Q2:ON)
VINT <
VBUS+VRCP_TRIG
RCP Recovery
(Q1:ON, Q2:Off)
tRCP_RELEASE
Figure 7. Switch Behavior in RCP Operation
In the multi-port system application, while Q2 switch is off, VBUS is able to supply VINT whenever VINT becomes lower than VBUS through Q2
body diode path. This is to prevent a portable system from losing system power supply when the first high-voltage charger is plugged out while the
second high-voltage charger remains plugged in. System shall stay in operation mode upon any plugging in and out any port occurs as long as one
port has plugged-in charger.
VBUS_B
VINT
0V
0V
VBUS_A
0V
12V
20V
12V
20V
12V
12V Charger
Plug in
RCP is
triggered
20V charger is plugged out but system power(VINT) is
maintained by 12V power source. System can stay wake up.
9V – VF_Q2
20V Charger Plug in
20V Charger Plug out
Figure 8. VINT Power Transition in Multi-Ports System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com