Electronic Components Datasheet Search
  English  ▼

X  

AP22950 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP22950
Description  HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22950 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP22950 Datasheet HTML 1Page - Diodes Incorporated AP22950 Datasheet HTML 2Page - Diodes Incorporated AP22950 Datasheet HTML 3Page - Diodes Incorporated AP22950 Datasheet HTML 4Page - Diodes Incorporated AP22950 Datasheet HTML 5Page - Diodes Incorporated AP22950 Datasheet HTML 6Page - Diodes Incorporated AP22950 Datasheet HTML 7Page - Diodes Incorporated AP22950 Datasheet HTML 8Page - Diodes Incorporated AP22950 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP22950
Document number: DS47157 Rev. 2 - 2
2 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP22950
Typical Applications Circuit
– Multi USB-C Ports
GND
CC1_A/
CC2_A
AP22950
VBUS
OVLO
GND
VINT
ACKb
ENb
PMIC /
Battery Charger
MCU/
Processor
*C_VBUS
GND
CC1_B/
CC2_B
AP22950
VBUS
OVLO
GND
VINT
ACKb
ENb
VBUS_B
*C_VBUS
VINT
ACKb_A
ENb_A
ACKb_B
ENb_B
VBUS_A
COUT
COUT
R1**
R2
R1**
R2
Figure 1. Typical Application Diagram - Multi USB-C® Ports
Notes:
*C_VBUS requires larger than 22µF capacitance for 110V surge protection.
** R1 is recommended to use minimum 1M
Ω.
Pin Descriptions
Pin Name
Pin Number
Type
Function
VBUS
B2, C2, D2, E1, E2
Power
Power Input
VINT
A1, B1, C1, D1
Power
Power Output
OVLO
B3
Input
Overvoltage threshold adjustment by external resistor (Default 23V if OVLO = GND)
ACKb
A2
Open Drain
Output
Power-Good Acknowledge (Output Low for valid VBUS input)
GND
C3, D3, E3
Power
Gate driver out pin. Connects to gate of external MOSFET
ENb
A3
Input
Enable Control (Active Low)
Functional Block Diagram
Control Logic
VBUS
TRCB
OVLO
/ UVLO
Surge
Protection
OVLO
VINT
ACKb
ENb
1M
GND
Q1
Q2
Figure 2. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com