Electronic Components Datasheet Search
  English  ▼

X  

AP22950 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP22950
Description  HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22950 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP22950 Datasheet HTML 7Page - Diodes Incorporated AP22950 Datasheet HTML 8Page - Diodes Incorporated AP22950 Datasheet HTML 9Page - Diodes Incorporated AP22950 Datasheet HTML 10Page - Diodes Incorporated AP22950 Datasheet HTML 11Page - Diodes Incorporated AP22950 Datasheet HTML 12Page - Diodes Incorporated AP22950 Datasheet HTML 13Page - Diodes Incorporated AP22950 Datasheet HTML 14Page - Diodes Incorporated AP22950 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AP22950
Document number: DS47157 Rev. 2 - 2
14 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP22950
Device Taping Orientation
Package Type: U-WLB2515-15
Tape Width Part Number Suffix
Tape Orientation
8mm
-7
Note:
For part marking, refer to Marking Information.
Note:
Tape and package drawings are not to scale and are shown for device tape orientation only.
Note:
The taping orientation of the other package type can be found on our website at https://www.diodes.com/assets/Packaging-Support-Docs/AP02007.pdf.
Mechanical Data
•
Surface-Mount Package
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish
– Tin Silver Copper (SnAgCu), Solderable per MIL-STD-202, Method 208
•
Weight: 0.00472 grams (Approximate)
•
Max Soldering Temperature +260°C for 30 secs as per JEDEC J-STD-020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com