Electronic Components Datasheet Search
  English  ▼

X  

AP22950 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP22950
Description  HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22950 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP22950 Datasheet HTML 1Page - Diodes Incorporated AP22950 Datasheet HTML 2Page - Diodes Incorporated AP22950 Datasheet HTML 3Page - Diodes Incorporated AP22950 Datasheet HTML 4Page - Diodes Incorporated AP22950 Datasheet HTML 5Page - Diodes Incorporated AP22950 Datasheet HTML 6Page - Diodes Incorporated AP22950 Datasheet HTML 7Page - Diodes Incorporated AP22950 Datasheet HTML 8Page - Diodes Incorporated AP22950 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP22950
Document number: DS47157 Rev. 2 - 2
5 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP22950
Electrical Characteristics (TJ = -40°C to +85°C, VBUS = 2.5V to 22.5V, typical values are at VBUS = 5V and TJ = +25°C, unless
otherwise specified.) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Timing Characteristics
tEN
Enable Delay Includes 15ms of
Debounce Time
Timing from ENb = Low or VUVLO < VBUS <
VOVLO to VINT = 10% of VBUS
VBUS = 5.0V, CLOAD = 100µF,
RLOAD = 100Ω
—
21.9
—
ms
tRISE_5V
VINT Rising Time at
VBUS = 5.0V
VINT from 10% to 90% of VBUS,
CLOAD = 100µF, RLOAD = 100Ω
—
3.4
—
ms
tRISE_20V
VINT Rising Time at
VBUS = 20.0V
VINT from 10% to 90% of VBUS,
CLOAD = 100µF, RLOAD = 100Ω
—
6.9
—
ms
tOFF
Switch Off Delay
Timing from ENb = High to VINT = 10% of
VBUS, VBUS = 5.0V, CLOAD = 100µF,
RLOAD = 100Ω
—
23
—
ms
tOVP
OVP Switch Off Time
Timing from VBUS > VOVLO_DEF_RISING to
VINT = 80% of VBUS,
VBUS = 5.0V, CLOAD = 0µF,
RLOAD = 100Ω, OVLO = GND
—
100
—
ns
tRCP_DEGLITCH
RCP Deglitch Time
Timing from VINT > VBUS + VRCP_TRIG to
Starting tRCP_OFF for switch off
2.6
3.7
5.0
ms
tRCP_OFF
RCP Switch Off Time
Timing from VINT > VBUS + VFRCP_TRIG to
switch off
—
10
—
µs
tRCP_RELEASE
RCP Release Time
Timing from VINT < VBUS - VRCP_RECOVERY
to switch on
—
10
—
µs
Thermal Protection
TSD
Thermal Shutdown
—
—
+150
—
°C
TSD_HYS
Thermal Shutdown Hysteresis
—
—
+20
—
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com