Electronic Components Datasheet Search
  English  ▼

X  

AP22950 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP22950
Description  HIGH-VOLTAGE USB PD VBUS SINK PATH POWER SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22950 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP22950 Datasheet HTML 6Page - Diodes Incorporated AP22950 Datasheet HTML 7Page - Diodes Incorporated AP22950 Datasheet HTML 8Page - Diodes Incorporated AP22950 Datasheet HTML 9Page - Diodes Incorporated AP22950 Datasheet HTML 10Page - Diodes Incorporated AP22950 Datasheet HTML 11Page - Diodes Incorporated AP22950 Datasheet HTML 12Page - Diodes Incorporated AP22950 Datasheet HTML 13Page - Diodes Incorporated AP22950 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP22950
Document number: DS47157 Rev. 2 - 2
10 of 15
www.diodes.com
May 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP22950
Typical Performance Characteristics (TJ = -40°C to +85°C, VBUS = 2.5V to 22.5V, typical values are at VBUS = 5V and
TJ = +25°C, unless otherwise specified.) (continued)
Turn-on Time and In-rush Current at VBUS = 5.0V
Turn-on Time and In-rush Current at VBUS = 20.0V
Turn-off Time at VBUS = 5.0V
Turn-off Time at VBUS = 20.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com