Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS1113
Description  ADS1018 Ultrasmall, Low-Power, SPI™-Compatible, 12-Bit, Analog-to-Digital Converter With Internal Reference and Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 17Page - Texas Instruments ADS1113 Datasheet HTML 18Page - Texas Instruments ADS1113 Datasheet HTML 19Page - Texas Instruments ADS1113 Datasheet HTML 20Page - Texas Instruments ADS1113 Datasheet HTML 21Page - Texas Instruments ADS1113 Datasheet HTML 22Page - Texas Instruments ADS1113 Datasheet HTML 23Page - Texas Instruments ADS1113 Datasheet HTML 24Page - Texas Instruments ADS1113 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
0.1 µF
VDD
DIN
DOUT
CS
Microcontroller or
Microprocessor
with SPI Port
5
10
1
2
3
4
SCLK
CS
GND
AIN0
AIN1
DIN
9
8
7
6
DOUT/
DRDY
VDD
AIN3
AIN2
Device
Inputs Selected
from Configuration
Register
SCLK
50 W
50 W
50 W
50 W
21
ADS1018
www.ti.com
SBAS526D – NOVEMBER 2012 – REVISED SEPTEMBER 2019
Product Folder Links: ADS1018
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The ADS1018 is a precision, 12-bit ΔΣ ADC that offers many integrated features to ease the measurement of the
most common sensor types including various type of temperature and bridge sensors. The following sections
give example circuits and suggestions for using the ADS1018 in various situations.
9.1.1 Serial Interface Connections
The principle serial interface connections for the ADS1018 are shown in Figure 18.
Figure 18. Typical Connections
Most microcontroller SPI peripherals operate with the ADS1018. The interface operates in SPI mode 1 where
CPOL = 0 and CPHA = 1, SCLK idles low, and data are launched or changed only on SCLK rising edges; data
are latched or read by the master and slave on SCLK falling edges. Details of the SPI communication protocol
employed by the ADS1018 can be found in the Timing Requirements: Serial Interface section.
It is a good practice to place 50-Ω resistors in the series path to each of the digital pins to provide some short-
circuit protection. Take care to still meet all SPI timing requirements because these additional series resistors
along with the bus parasitic capacitances present on the digital signal lines slews the signals.
The fully-differential input of the ADS1018 is ideal for connecting to differential sources (such as thermocouples
and thermistors) with a moderately low source impedance. Although the ADS1018 can read fully-differential
signals, the device cannot accept negative voltages on either of its inputs because of ESD protection diodes on
each pin. When an input exceeds supply or drops below ground, these diodes turn on to prevent any ESD
damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com