Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS1113
Description  ADS1018 Ultrasmall, Low-Power, SPI™-Compatible, 12-Bit, Analog-to-Digital Converter With Internal Reference and Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments ADS1113 Datasheet HTML 12Page - Texas Instruments ADS1113 Datasheet HTML 13Page - Texas Instruments ADS1113 Datasheet HTML 14Page - Texas Instruments ADS1113 Datasheet HTML 15Page - Texas Instruments ADS1113 Datasheet HTML 16Page - Texas Instruments ADS1113 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13
ADS1018
www.ti.com
SBAS526D – NOVEMBER 2012 – REVISED SEPTEMBER 2019
Product Folder Links: ADS1018
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Full-Scale Range (FSR) and LSB Size
A programmable gain amplifier (PGA) is implemented in front of the ADS1018 ΔΣ ADC core. The full-scale range
is configured by bits PGA[2:0] in the Config register, and can be set to ±6.144 V, ±4.096 V, ±2.048 V, ±1.024 V,
±0.512 V, or ±0.256 V.
Table 1 shows the FSR together with the corresponding LSB size. Calculate the LSB size from the full-scale
voltage by the formula shown in Equation 2. However, make sure that the analog input voltage never exceeds
the analog input voltage range limit given in the Electrical Characteristics. If VDD greater than 4 V is used, the
±6.144-V full-scale range allows input voltages to extend up to the supply. Note though that in this case, or
whenever the supply voltage is less than the full-scale range (for example, VDD = 3.3 V and full-scale range =
±4.096 V), a full-scale ADC output code cannot be obtained. This inability means that some dynamic range is
lost.
LSB = FSR / 2
12
(2)
(1)
This parameter expresses the full-scale range of the ADC scaling.
Do not apply more than VDD + 0.3 V to this device.
Table 1. Full-Scale Range and Corresponding LSB Size
FSR
LSB SIZE
±6.144 V(1)
3 mV
±4.096 V(1)
2 mV
±2.048 V
1 mV
±1.024 V
0.5 mV
±0.512 V
0.25 mV
±0.256 V
0.125 mV
8.3.4 Voltage Reference
The ADS1018 has an integrated voltage reference. An external reference cannot be used with this device. Errors
associated with the initial voltage reference accuracy and the reference drift with temperature are included in the
gain error and gain drift specifications in the Electrical Characteristics.
8.3.5 Oscillator
The ADS1018 has an integrated oscillator running at 1 MHz. No external clock is required to operate the device.
The internal oscillator drifts over temperature and time. The output data rate scales proportionally with the
oscillator frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com