Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS1113
Description  ADS1018 Ultrasmall, Low-Power, SPI™-Compatible, 12-Bit, Analog-to-Digital Converter With Internal Reference and Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 8Page - Texas Instruments ADS1113 Datasheet HTML 9Page - Texas Instruments ADS1113 Datasheet HTML 10Page - Texas Instruments ADS1113 Datasheet HTML 11Page - Texas Instruments ADS1113 Datasheet HTML 12Page - Texas Instruments ADS1113 Datasheet HTML 13Page - Texas Instruments ADS1113 Datasheet HTML 14Page - Texas Instruments ADS1113 Datasheet HTML 15Page - Texas Instruments ADS1113 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
t
SAMPLE
ON
OFF
S
1
S
2
OFF
ON
Equivalent
Circuit
f(MOD) = 250 kHz
ZCM
ZDIFF
ZCM
AINN
AINP
0.7 V
0.7 V
S1
S1
CA1
CB
CA2
S2
S2
0.7 V
0.7 V
AINN
AINP
12
ADS1018
SBAS526D – NOVEMBER 2012 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: ADS1018
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
Feature Description (continued)
8.3.2 Analog Inputs
The ADS1018 uses a switched-capacitor input stage where capacitors are continuously charged and then
discharged to measure the voltage between AINP and AINN. This frequency at which the input signal is sampled
is called the sampling frequency or the modulator frequency (f(MOD)). The ADS1018 has a 1-MHz internal
oscillator which is further divided by a factor of 4 to generate the modulator frequency at 250 kHz. The capacitors
used in this input stage are small, and to external circuitry, the average loading appears resistive. This structure
is shown in Figure 9. The resistance is set by the capacitor values and the rate at which they are switched.
Figure 10 shows the setting of the switches illustrated in Figure 9. During the sampling phase, switches S1 are
closed. This event charges CA1 to V(AINP), CA2 to V(AINN), and CB to (V(AINP) – V(AINN)). During the discharge phase,
S1 is first opened and then S2 is closed. Both CA1 and CA2 then discharge to approximately 0.7 V and CB
discharges to 0 V. This charging draws a very small transient current from the source driving the ADS1018
analog inputs. The average value of this current can be used to calculate the effective impedance (Zeff), where
Zeff = VIN / IAVERAGE.
Figure 9. Simplified Analog Input Circuit
Figure 10. S1 and S2 Switch Timing
Common-mode input impedance is measured by applying a common-mode signal to the shorted AINP and AINN
inputs and measuring the average current consumed by each pin. The common-mode input impedance changes
depending on the full-scale range, but is approximately 6 M
Ω for the default full-scale range. In Figure 9, the
common-mode input impedance is ZCM.
The differential input impedance is measured by applying a differential signal to AINP and AINN inputs where one
input is held at 0.7 V. The current that flows through the pin connected to 0.7 V is the differential current and
scales with the full-scale range. In Figure 9, the differential input impedance is ZDIFF.
Make sure to consider the typical value of the input impedance. Unless the input source has a low impedance,
the ADS1018 input impedance may affect the measurement accuracy. For sources with high output impedance,
buffering may be necessary. Active buffers introduce noise, and also introduce offset and gain errors. Consider
all of these factors in high-accuracy applications.
The clock oscillator frequency drifts slightly with temperature; therefore, the input impedances also drift. For most
applications, this input impedance drift is negligible, and can be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com