Electronic Components Datasheet Search
  English  ▼

X  

ADS1113 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS1113
Description  ADS1018 Ultrasmall, Low-Power, SPI™-Compatible, 12-Bit, Analog-to-Digital Converter With Internal Reference and Temperature Sensor
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1113 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS1113 Datasheet HTML 24Page - Texas Instruments ADS1113 Datasheet HTML 25Page - Texas Instruments ADS1113 Datasheet HTML 26Page - Texas Instruments ADS1113 Datasheet HTML 27Page - Texas Instruments ADS1113 Datasheet HTML 28Page - Texas Instruments ADS1113 Datasheet HTML 29Page - Texas Instruments ADS1113 Datasheet HTML 30Page - Texas Instruments ADS1113 Datasheet HTML 31Page - Texas Instruments ADS1113 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Thermocouple Voltage (mV)
-10
0
10
20
30
40
50
60
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
Temperature (qC)
-200
0
200
400
600
800
1000
1200
1400
-4
-3
-2
-1
0
1
2
3
4
Thermocouple
Voltage
On-chip
Temperature
T Æ V
V Æ T
Result
Device
MCU
VTC
TCJ
VCJ
VActual
TActual
28
ADS1018
SBAS526D – NOVEMBER 2012 – REVISED SEPTEMBER 2019
www.ti.com
Product Folder Links: ADS1018
Submit Documentation Feedback
Copyright © 2012–2019, Texas Instruments Incorporated
Figure 24. Software-Flow Block Diagram
Figure 25 and Figure 26 show the expected measurement results. A system offset calibration is performed at TTC
= 25°C that equates to VTC = 0 V when TCJ = 25°C. The dashed blue lines in Figure 25 show the maximum error
guard band due to ADC gain and nonlinearity error. The dashed blue lines in Figure 26 show the corresponding
temperature measurement error guard band calculated from the data in Figure 25 using the NIST tables. The
dashed red lines in Figure 26 include the guard band for the temperature sensor inaccuracy (±1°C), in addition to
the device gain and nonlinearity error. Note that the results in Figure 25 and Figure 26 do not account for the
thermocouple inaccuracy that must also be considered while designing a thermocouple measurement system.
9.2.3 Application Curves
Figure 25. Voltage Measurement Error vs VTC
Figure 26. Temperature Measurement Error vs TTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com