Electronic Components Datasheet Search
  English  ▼

X  

ADS5525 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS5525
Description  12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5525 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5525 Datasheet HTML 24Page - Texas Instruments ADS5525 Datasheet HTML 25Page - Texas Instruments ADS5525 Datasheet HTML 26Page - Texas Instruments ADS5525 Datasheet HTML 27Page - Texas Instruments ADS5525 Datasheet HTML 28Page - Texas Instruments ADS5525 Datasheet HTML 29Page - Texas Instruments ADS5525 Datasheet HTML 30Page - Texas Instruments ADS5525 Datasheet HTML 31Page - Texas Instruments ADS5525 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
www.ti.com
-140
0
f
Frequency
MHz
-
-
-20
-40
-60
-80
-100
-120
0
80
50
10
40
30
20
70
60
f
=134.99MHz,-7dBFS,
f
2-ToneIMD,90dBFS
IN1
IN2 =130.09MHz,-7dBFS,
62
58
90
f
InputFrequency
MHz
IN -
-
500
86
82
78
74
70
66
0
400
250
50
200
150
100
350
300
450
94
f
− InputFrequency − MHz
IN
65
66
67
68
69
70
71
0
50
100 150 200 250 300 350 400 450 500
LVDSMode
72
f
− InputFrequency − MHz
IN
63
64
65
66
67
68
69
70
71
72
10
20
30
40
50
70 100 130
230 300
170
DDRLVDS
CMOSData
Position1
CMOSData
Position2
CMOSData
Position4
CMOSData
Position3
f
− InputFrequency − MHz
IN
66
67
68
69
70
71
72
10
40
70
100
130 160 190 220
280 300
250
0dB
6dB
5dB
4dB
3dB
2dB
1dB
f
− InputFrequency − MHz
IN
92
96
88
80
84
76
10
40
70
100
130 160 190 220
280 300
250
0dB
2dB
1dB
Input Adjustedto-1dBFS
forEachGainSetting
3dB
4dB
5dB
6dB
ADS5525
SLWS191B – JULY 2006 – REVISED MAY 2007
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 170 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS
data output (unless otherwise noted)
INTERMODULATION DISTORTION (IMD) vs FREQUENCY
SFDR vs INPUT FREQUENCY
Figure 21.
Figure 22.
SNR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 23.
Figure 24.
SFDR vs GAIN
SNR vs GAIN
Figure 25.
Figure 26.
28
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com