Electronic Components Datasheet Search
  English  ▼

X  

ADS5525 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5525
Description  12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5525 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5525 Datasheet HTML 1Page - Texas Instruments ADS5525 Datasheet HTML 2Page - Texas Instruments ADS5525 Datasheet HTML 3Page - Texas Instruments ADS5525 Datasheet HTML 4Page - Texas Instruments ADS5525 Datasheet HTML 5Page - Texas Instruments ADS5525 Datasheet HTML 6Page - Texas Instruments ADS5525 Datasheet HTML 7Page - Texas Instruments ADS5525 Datasheet HTML 8Page - Texas Instruments ADS5525 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS5525
SLWS191B – JULY 2006 – REVISED MAY 2007
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V, sampling rate = 170 MSPS, sine wave input clock, 1.5 V
PP differential clock amplitude, 50% clock
duty cycle, –1 dBFS differential analog input, internal reference mode, db gain, DDR LVDS data output (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
12
bits
ANALOG INPUT
Differential input voltage range
2
VPP
Differential input capacitance
7
pF
Analog input bandwidth
–3 dB, source impedance 50
Ω
500
MHz
Analog input common mode current
280
µA
(per input pin)
REFERENCE VOLTAGES
V(REFB)
Internal reference bottom voltage
Internal reference mode
0.5
V
V(REFT)
Internal reference top voltage
Internal reference mode
2.5
V
∆V
(REF)
Internal reference error
V(REFT) - V(REFB)
-60
±25
60
mV
VCM
Common mode output voltage
Internal reference mode
1.5
V
VCM output current capability
Internal reference mode
±4
mA
DC ACCURACY
No Missing Codes
Assured
DNL
Differential non-linearity
–0.6
0.5
0.6
LSB
INL
Integral non-linearity
-1.6
± 1
1.6
LSB
Offset error
-10
5
10
mV
Offset temperature coefficient
0.002
ppm/
°C
Gain error due to internal reference error alone
(
∆V
(REF)/ 2.0V) %
-3
±1
3
%FS
Gain error excluding internal reference error(1)
-2
±1
2
%FS
Gain temperature coefficient
0.01
∆%/°C
PSRR
DC Power supply rejection ratio
0.6
mV/V
POWER SUPPLY
I(AVDD)
Analog supply current
281
mA
LVDS mode, IO = 3.5 mA,
I(DRVDD)
Digital supply current
51
mA
RL = 100 Ω, CL = 5 pF
ICC
Total supply current
LVDS mode
332
mA
Total power dissipation
LVDS mode
1.1
1.275
W
In STANDBY mode with input clock
Standby power
100
150
mW
stopped
Clock stop power
With input clock stopped
100
150
mW
(1)
Gain error is specified from design and characterization; it is not tested in production.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com