Electronic Components Datasheet Search
  English  ▼

X  

ADS5525 Datasheet(PDF) 34 Page - Texas Instruments

Part # ADS5525
Description  12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5525 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS5525 Datasheet HTML 30Page - Texas Instruments ADS5525 Datasheet HTML 31Page - Texas Instruments ADS5525 Datasheet HTML 32Page - Texas Instruments ADS5525 Datasheet HTML 33Page - Texas Instruments ADS5525 Datasheet HTML 34Page - Texas Instruments ADS5525 Datasheet HTML 35Page - Texas Instruments ADS5525 Datasheet HTML 36Page - Texas Instruments ADS5525 Datasheet HTML 37Page - Texas Instruments ADS5525 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
www.ti.com
-9
-7
-1
1
f − Frequency − MHz
TransferFunction − SourceTo ADCOutput
(IncludingtheTransformer)
0
250
3
-5
50
100
150
200
-3
-70
-60
-20
-10
f − Frequency − MHz
S11
0
250
0
-40
50
100
150
200
-30
-50
Frequency =100MHz
S(1,1)=0.11/-1.19E2
Impedance=44.07-j8.63
Frequency (100kHzto500MHz)
ADS5525
SLWS191B – JULY 2006 – REVISED MAY 2007
APPLICATION INFORMATION (continued)
Figure 45. S11, Input Impedance and Transfer Function for the Configuration in Figure 44
For high input frequencies, the previous configuration has been modified to improve the insertion loss and
impedance matching (see Figure 46). The S11 curve shows that the matching is good from 100 MHz to
300 MHz.
34
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com