Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 5Page - STMicroelectronics VN7140AS Datasheet HTML 6Page - STMicroelectronics VN7140AS Datasheet HTML 7Page - STMicroelectronics VN7140AS Datasheet HTML 8Page - STMicroelectronics VN7140AS Datasheet HTML 9Page - STMicroelectronics VN7140AS Datasheet HTML 10Page - STMicroelectronics VN7140AS Datasheet HTML 11Page - STMicroelectronics VN7140AS Datasheet HTML 12Page - STMicroelectronics VN7140AS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Table 8. Protections
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIMH
DC short circuit current
VCC = 13 V
8
12
16
A
4 V < VCC < 18 V (1)
ILIML
Short circuit current
during thermal cycling
VCC = 13 V;
TR < Tj < TTSD
4
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature(1)
TRS + 1
TRS + 7
TRS
Thermal reset of fault
diagnostic indication
VFR = 0 V; VSEn = 5 V
135
THYST
Thermal hysteresis(TTSD -
TR)(1)
7
ΔTJ_SD
Dynamic temperature
Tj = -40°C; VCC = 13 V
60
K
tLATCH_RST
Fault reset time for output
unlatch (only for VN7140AJ)
(1)
VFR = 5 V to 0 V; VSEn = 5 V;
VIN = 5 V; VSEL0 = 0 V; VSEL1 = 0 V
3
10
20
µs
VDEMAG
Turn-off output voltage clamp
IOUT = 1 A; L = 6 mH; Tj = -40°C
VCC - 38
V
IOUT = 1 A; L = 6 mH; Tj = 25°C to
150°C
VCC - 41
VCC - 46
VCC - 52
V
VON
Output voltage drop limitation
IOUT = 0.07 A
20
mV
1. Parameter guaranteed by design and characterization; not subjected to production test.
Table 9. MultiSense
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSENSE_CL
MultiSense clamp voltage
VSEn = 0 V; ISENSE = 1 mA
-17
-12
V
VSEn = 0 V; ISENSE = -1 mA
7
CurrentSense characteristics
KOL
IOUT/ISENSE
IOUT = 0.01 A; VSENSE = 0.5 V;
VSEn = 5 V
295
dKcal/Kcal (1) (2)
Current sense ratio drift at
calibration point
IOUT = 0.01 A to 0.025 A;
Ical = 17.5 mA; VSENSE = 0.5 V;
VSEn = 5 V
-30
30
%
KLED
IOUT/ISENSE
IOUT = 0.025 A; VSENSE = 0.5 V;
VSEn = 5 V
330
580
820
dKLED/KLED (1) (2)
Current sense ratio drift
IOUT = 0.025 A; VSENSE = 0.5 V;
VSEn = 5 V
-25
25
%
K0
IOUT/ISENSE
IOUT = 0.07 A; VSENSE = 0.5 V;
VSEn = 5 V
375
550
720
dK0/K0 (1) (2)
Current sense ratio drift
IOUT = 0.07 A; VSENSE = 0.5 V;
VSEn = 5 V
-20
20
%
K1
IOUT/ISENSE
IOUT = 0.15 A; VSENSE = 4 V;
VSEn = 5 V
360
500
670
VN7140AJ, VN7140AS
Main electrical characteristics
DS10830 - Rev 4
page 9/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com