Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 17 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 13Page - STMicroelectronics VN7140AS Datasheet HTML 14Page - STMicroelectronics VN7140AS Datasheet HTML 15Page - STMicroelectronics VN7140AS Datasheet HTML 16Page - STMicroelectronics VN7140AS Datasheet HTML 17Page - STMicroelectronics VN7140AS Datasheet HTML 18Page - STMicroelectronics VN7140AS Datasheet HTML 19Page - STMicroelectronics VN7140AS Datasheet HTML 20Page - STMicroelectronics VN7140AS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
Figure 11. Latch functionality - behavior in hard short-circuit condition
Thermal shut down
cycling
in AutoRestart mode
Logic
high
Logic
high
Logic
high
Logic
high
Hard
short
circuit
VsenseH
IlimH
IlimL
TAMB
TTSD
TR
Input
Fault Reset
Multisense
voltage
Output
Voltage
Output
current
Junction
temperature
Sense
enable
Internal
fault
detection
t
t > tlatchRST
Vout <5V
Vout <5V
Figure 12. Latch functionality - behavior in hard short-circuit condition (autorestart mode + latch off)
60°
Logic
high
Logic
high
Logic
high
Logic
high
Hard
short
circuit
VsenseH
TAMB
TTSD
Input
Fault Reset
Multisense
voltage
Output
Voltage
Output
current
Junction
temperature
Chip
temperature
Sense
enable
Internal
fault
detection
IlimH
IlimL
Vout <5V
Vout <5V
GADG2103171742PS
VN7140AJ, VN7140AS
Waveforms
DS10830 - Rev 4
page 17/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com