Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 12 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 8Page - STMicroelectronics VN7140AS Datasheet HTML 9Page - STMicroelectronics VN7140AS Datasheet HTML 10Page - STMicroelectronics VN7140AS Datasheet HTML 11Page - STMicroelectronics VN7140AS Datasheet HTML 12Page - STMicroelectronics VN7140AS Datasheet HTML 13Page - STMicroelectronics VN7140AS Datasheet HTML 14Page - STMicroelectronics VN7140AS Datasheet HTML 15Page - STMicroelectronics VN7140AS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
7 V < VCC < 18 V; -40°C < Tj < 150°C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
MultiSense timings (Multiplexer transition times) (VN7140AJ only) (4)
tD_CStoTC
MultiSense transition delay
from current sense to TC
sense
VIN = 5 V; VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 0 V to 5 V; IOUT = 0.5 A;
RSENSE = 1 kΩ
60
µs
tD_TCtoCS
MultiSense transition delay
from TC sense to current
sense
VIN = 5 V; VSEn = 5 V; VSEL0 = 0 V;
VSEL1 = 5 V to 0 V; IOUT = 0.5 A;
RSENSE = 1 kΩ
20
µs
tD_CStoVCC
MultiSense transition delay
from current sense to VCC
sense
VIN = 5 V; VSEn = 5 V; VSEL0 = 5 V;
VSEL1 = 0 V to 5 V; IOUT = 0.5 A;
RSENSE = 1 kΩ
60
µs
tD_VCCtoCS
MultiSense transition delay
from VCC sense to current
sense
VIN = 5 V; VSEn = 5 V; VSEL0 = 5 V;
VSEL1 = 5 V to 0 V; IOUT = 0.5 A;
RSENSE = 1 kΩ
20
µs
tD_TCtoVCC
MultiSense transition delay
from TC sense to VCC sense
VCC = 13 V; Tj = 125°C; VSEn = 5 V;
VSEL0 = 0 V to 5 V; VSEL1 = 5 V;
RSENSE = 1 kΩ
20
µs
tD_VCCtoTC
MultiSense transition delay
from VCC sense to TC sense
VCC = 13 V; Tj = 125°C; VSEn = 5 V;
VSEL0 = 5 V to 0 V; VSEL1 = 5 V;
RSENSE = 1 kΩ
20
µs
1. Parameter specified by design; not subjected to production test.
2. All values refer to VCC = 13 V; Tj = 25°C, unless otherwise specified.
3. VCC sensing and TC are referred to GND potential.
4. Transition delays are measured up to +/- 10% of final conditions.
Figure 4. IOUT/ISENSE versus IOUT
GAPGCFT01217
0
200
400
600
800
1000
0
1
2
3
IOUT[A]
Max
Min
Typ
VN7140AJ, VN7140AS
Main electrical characteristics
DS10830 - Rev 4
page 12/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com