Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 24 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 24 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 20Page - STMicroelectronics VN7140AS Datasheet HTML 21Page - STMicroelectronics VN7140AS Datasheet HTML 22Page - STMicroelectronics VN7140AS Datasheet HTML 23Page - STMicroelectronics VN7140AS Datasheet HTML 24Page - STMicroelectronics VN7140AS Datasheet HTML 25Page - STMicroelectronics VN7140AS Datasheet HTML 26Page - STMicroelectronics VN7140AS Datasheet HTML 27Page - STMicroelectronics VN7140AS Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
4
Maximum demagnetization energy (VCC = 16 V)
Figure 35. Maximum turn off current versus inductance
0.1
1
10
0.1
1
10
100
1000
L (mH)
VN7140Ax - Maximum turn off current versus inductance
VN7140Ax - Single Pulse
Repetitive pulse Tjstart=100°C
Repetitive pulse Tjstart=125°C
GAPGCFT01212
Note:
Values are generated with RL = 0 Ω.
In case of repetitive pulses, Tjstart (at the beginning of each demagnetization) of every pulse must not exceed the
temperature specified above for curves A and B.
VN7140AJ, VN7140AS
Maximum demagnetization energy (VCC = 16 V)
DS10830 - Rev 4
page 24/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com