Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 19 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 15Page - STMicroelectronics VN7140AS Datasheet HTML 16Page - STMicroelectronics VN7140AS Datasheet HTML 17Page - STMicroelectronics VN7140AS Datasheet HTML 18Page - STMicroelectronics VN7140AS Datasheet HTML 19Page - STMicroelectronics VN7140AS Datasheet HTML 20Page - STMicroelectronics VN7140AS Datasheet HTML 21Page - STMicroelectronics VN7140AS Datasheet HTML 22Page - STMicroelectronics VN7140AS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
2.5
Electrical characteristics curves
Figure 15. OFF-state output current
GAPGCFT01221
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Iloff [nA]
Off State
Vcc = 13V
Vin = Vout = 0
Figure 16. Standby current
GAPGCFT01222
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ISTBY [µA]
Vcc = 13V
Figure 17. IGND(ON) vs. Tcase
GAPGCFT01223
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-50
-25
0
25
50
75
100
125
150
175
T [°C]
IGND(ON) [mA]
Vcc = 13V
Iout0 = Iout1 = 1A
Figure 18. Logic Input high level voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ViH, VFRH, VSELH, VSEnH [V]
GAPGCFT01224
VN7140AJ, VN7140AS
Electrical characteristics curves
DS10830 - Rev 4
page 19/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com