Electronic Components Datasheet Search
  English  ▼

X  

VN7140AS Datasheet(PDF) 15 Page - STMicroelectronics

Part # VN7140AS
Description  High-side driver with MultiSense analog feedback for automotive applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7140AS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VN7140AS Datasheet HTML 11Page - STMicroelectronics VN7140AS Datasheet HTML 12Page - STMicroelectronics VN7140AS Datasheet HTML 13Page - STMicroelectronics VN7140AS Datasheet HTML 14Page - STMicroelectronics VN7140AS Datasheet HTML 15Page - STMicroelectronics VN7140AS Datasheet HTML 16Page - STMicroelectronics VN7140AS Datasheet HTML 17Page - STMicroelectronics VN7140AS Datasheet HTML 18Page - STMicroelectronics VN7140AS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Figure 9. TDSTKON
TDSTKON
VINPUT
VOUT
MultiSense
VOUT > VOL
GAPG2609141140CFT
Table 10. Truth table
Mode
Conditions
INX FR (1) SEn SELX (1) OUTX MultiSense
Comments
Standby
All logic inputs low
L
L
L
L
L
Hi-Z
Low quiescent current
consumption
Normal
Nominal load connected;
Tj < 150 °C
L
X
See (2)
L
See (2)
H
L
H
See (2)
Outputs configured for
auto-restart
H
H
H
See (2)
Outputs configured for
latch-off(1)
Overload
Overload or short to GND
causing:
Tj > TTSD or
ΔTj > ΔTj _SD
L
X
See (2)
L
See (2)
H
L
H
See (2)
Output cycles with
temperature hysteresis
H
H
L
See (2)
Output latches-off(1)
Undervoltage
VCC < VUSD (falling)
X
X
X
X
L
L
Hi-Z
Hi-Z
Re-start when
VCC > VUSD +
VUSDhyst (rising)
OFF-state
diagnostics
Short to VCC
L
X
See (2)
H
See (2)
Open-load
L
X
H
See (2)
External pull-up
Negative output
voltage
Inductive loads turn-off
L
X
See (2)
< 0 V
See (2)
1. VN7140AJ only
2. Refer to Table 11. MultiSense multiplexer addressing
Table 11. MultiSense multiplexer addressing
SEn SEL1 SEL0
MUX channel
MultiSense output
Normal mode
Overload
OFF-state diag. (1)
Negative output
SO-8
VN7140AJ, VN7140AS
Main electrical characteristics
DS10830 - Rev 4
page 15/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com