Electronic Components Datasheet Search
  English  ▼

X  

DRV8701PRGET Datasheet(PDF) 14 Page - Texas Instruments

Part # DRV8701PRGET
Description  DRV8701 Brushed DC Motor Full-Bridge Gate Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8701PRGET Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV8701PRGET Datasheet HTML 10Page - Texas Instruments DRV8701PRGET Datasheet HTML 11Page - Texas Instruments DRV8701PRGET Datasheet HTML 12Page - Texas Instruments DRV8701PRGET Datasheet HTML 13Page - Texas Instruments DRV8701PRGET Datasheet HTML 14Page - Texas Instruments DRV8701PRGET Datasheet HTML 15Page - Texas Instruments DRV8701PRGET Datasheet HTML 16Page - Texas Instruments DRV8701PRGET Datasheet HTML 17Page - Texas Instruments DRV8701PRGET Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
SH1
SH2
2
1
2
2
Forward drive
Slow decay (brake)
VM
1
SH1
SH2
2
1
2
2
Reverse drive
Slow decay (brake)
VM
1
3
3 High-Z (coast)
3 High-Z (coast)
3
DRV8701
SLVSCX5B – MARCH 2015 – REVISED JULY 2015
www.ti.com
7.3 Feature Description
7.3.1 Bridge Control
The DRV8701E is controlled using a PH/EN interface. The following logic table (Table 1) gives the full H-bridge
state when driving a single brushed DC motor. Note that Table 1 does not take into account the current control
built into the DRV8701E. Positive current is defined in the direction of xOUT1
→ xOUT2.
Table 1. DRV8701E (PH/EN) Control Interface
nSLEEP
EN
PH
SH1
SH2
AVDD/DVDD
Description
0
X
X
High-Z
High-Z
Disabled
Sleep mode; H-bridge disabled High-Z
1
0
X
L
L
Enabled
Brake, low-side slow decay
1
1
0
L
H
Enabled
Reverse drive (current SH2
→ SH1)
1
1
1
H
L
Enabled
Forward drive (current SH1
→ SH2)
The DRV8701P is controlled using a PWM interface (IN1/IN2). The following logic table (Table 2) gives the full H-
bridge state when driving a single brushed DC motor. Note that Table 2 does not take into account the current
control built into the DRV8701P. Positive current is defined in the direction of xOUT1
→ xOUT2.
Table 2. DRV8701P (PWM) Control Interface
nSLEEP
IN1
IN2
SH1
SH2
AVDD/DVDD
Description
0
X
X
High-Z
High-Z
Disabled
Sleep mode; H-bridge disabled High-Z
1
0
0
High-Z
High-Z
Enabled
Coast; H-bridge disabled High-Z
1
0
1
L
H
Enabled
Reverse (current SH2
→ SH1)
1
1
0
H
L
Enabled
Forward (current SH1
→ SH2)
1
1
1
L
L
Enabled
Brake; low-side slow decay
Figure 19. H-Bridge Operational States
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DRV8701



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com